Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 72 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 72 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 68Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 69Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 70Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 71Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 72Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 73Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 74Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 75Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 76Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 229 page
background image
WM8993
Production Data
w
PD, November 2010, Rev 4.0
72
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R49 (31h)
Output Mixer5
2:0
MIXINL_MIXOUTL_VOL
[2:0]
000b
MIXINL Output (Left ADC bypass)
to MIXOUTL Volume
0dB to -21dB in 3dB steps
(See Table 44 for Volume Range)
R45 (2Dh)
Output Mixer1
0
DACL_TO_MIXOUTL
0b
Left DAC to MIXOUTL Mute
0 = Mute
1 = Un-mute
R49 (31h)
Output Mixer5
11:9
DACL_MIXOUTL_VOL
[2:0]
000b
Left DAC to MIXOUTL Volume
0dB to -21dB in 3dB steps
(See Table 44 for Volume Range)
Table 42 Left Output Mixer (MIXOUTL) Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R46 (2Eh)
Output Mixer2
5
IN2LN_TO_MIXOUTR
0b
IN2LN to MIXOUTR Mute
0 = Mute
1 = Un-mute
R50 (32h)
Output Mixer6
8:6
IN2LN_MIXOUTR_VOL
[2:0]
000b
IN2LN to MIXOUTR Volume
0dB to -21dB in 3dB steps
(See Table 44 for Volume Range)
R46 (2Eh)
Output Mixer2
4
IN2RN_TO_MIXOUTR
0b
IN2RN to MIXOUTR Mute
0 = Mute
1 = Un-mute
R48 (30h)
Output Mixer4
8:6
IN2RN_MIXOUTR_VOL
[2:0]
000b
IN2RN to MIXOUTR Volume
0dB to -21dB in 3dB steps
(See Table 44 for Volume Range)
R46 (2Eh)
Output Mixer2
3
IN1L_TO_MIXOUTR
0b
IN1L PGA Output to MIXOUTR
Mute
0 = Mute
1 = Un-mute
R48 (30h)
Output Mixer4
5:3
IN1L_MIXOUTR_VOL
[2:0]
000b
IN1L PGA Output to MIXOUTR
Volume
0dB to -21dB in 3dB steps
(See Table 44 for Volume Range)
R46 (2Eh)
Output Mixer2
2
IN1R_TO_MIXOUTR
0
IN1R PGA Output to MIXOUTR
Mute
0 = Mute
1 = Un-mute
R48 (30h)
Output Mixer4
2:0
IN1R_MIXOUTR_VOL
[2:0]
000b
IN1R PGA Output to MIXOUTR
Volume
0dB to -21dB in 3dB steps
(See Table 44 for Volume Range)
R46 (2Eh)
Output Mixer2
1
IN2RP_TO_MIXOUTR
0b
IN2RP to MIXOUTR Mute
0 = Mute
1 = Un-mute
R48 (30h)
Output Mixer4
11:9
IN2RP_MIXOUTR_VOL
[2:0]
000b
IN2RP to MIXOUTR Volume
0dB to -21dB in 3dB steps
(See Table 44 for Volume Range)
R46 (2Eh)
Output Mixer2
7
MIXINL_TO_MIXOUTR
0b
MIXINL Output (Left ADC bypass) to
MIXOUTR Mute
0 = Mute
1 = Un-mute
R50 (32h)
Output Mixer6
5:3
MIXINL_MIXOUTR_VO
L[2:0]
000b
MIXINL Output (Left ADC bypass) to
MIXOUTR Volume
0dB to -21dB in 3dB steps
(See Table 44 for Volume Range)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com