Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 65 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 65 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 61Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 63Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 64Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 65Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 66Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 67Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 68Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 69Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 229 page
background image
Production Data
WM8993
w
PD, November 2010, Rev 4.0
65
DAC DE-EMPHASIS
Digital de-emphasis can be applied to the DAC playback data; this is appropriate when the data
source is a CD where pre-emphasis is used in the recording. De-emphasis filtering is available for
sample rates of 48kHz, 44.1kHz and 32kHz. See "Digital Filter Characteristics" section for details of
de-emphasis filter characteristics.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R10 (0Ah)
DAC CTRL
5:4
DEEMPH
[1:0]
00
DAC De-Emphasis Control
00 = No de-emphasis
01 = 32kHz sample rate
10 = 44.1kHz sample rate
11 = 48kHz sample rate
Table 36 DAC De-Emphasis Control
DAC SLOPING STOPBAND FILTER
Two DAC filter types are available, selected by the register bit DAC_SB_FILT. When operating at
lower sample rates (e.g. during voice communication) it is recommended that the sloping stopband
filter type is selected (DAC_SB_FILT=1) to reduce out-of-band noise which can be audible at low
DAC sample rates. See "Digital Filter Characteristics" section for details of DAC filter characteristics.
The DAC filter type is determined automatically by the WM8993 in Automatic Clocking Configuration
mode. The DAC_SB_FILT register bit is only effective in Manual Clocking Configuration mode. See
“Clocking and Sample Rates” for details of the Clocking Configuration mode selection.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R10 (0Ah)
DAC CTRL
8
DAC_SB_FILT
0
Selects DAC filter characteristics
0 = Normal mode
1 = Sloping stopband mode
Note - this field is ignored and invalid
in Automatic Clocking Configuration
mode.
Table 37 DAC Sloping Stopband Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com