Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 41 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 41 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 45Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 229 page
background image
Production Data
WM8993
w
PD, November 2010, Rev 4.0
41
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
4:0
IN1R_VOL
[4:0]
01011b
(0dB)
IN1R Volume
-16.5dB to +30dB in 1.5dB steps
(See Table 5 for volume range)
R27 (1Bh)
Right Line
Input 3&4
Volume
8
IN2_VU
N/A
Input PGA Volume Update
Writing a 1 to this bit will cause IN2L and
IN2R input PGA volumes to be updated
simultaneously
7
IN2R_MUTE
1b
IN2R PGA Mute
0 = Disable Mute
1 = Enable Mute
6
IN2R_ZC
0b
IN2R PGA Zero Cross Detector
0 = Change gain immediately
1 = Change gain on zero cross only
4:0
IN2R_VOL
[4:0]
01011b
(0dB)
IN2R Volume
-16.5dB to +30dB in 1.5dB steps
(See Table 5 for volume range)
Table 4 Input PGA Volume Control
IN1L_VOL[4:0], IN2L_VOL[4:0],
IN1R_VOL[4:0], IN2R_VOL[4:0]
VOLUME
(dB)
00000
-16.5
00001
-15.0
00010
-13.5
00011
-12.0
00100
-10.5
00101
-9.0
00110
-7.5
00111
-6.0
01000
-4.5
01001
-3.0
01010
-1.5
01011
0
01100
+1.5
01101
+3.0
01110
+4.5
01111
+6.0
10000
+7.5
10001
+9.0
10010
+10.5
10011
+12.0
10100
+13.5
10101
+15.0
10110
+16.5
10111
+18.0
11000
+19.5
11001
+21.0
11010
+22.5
11011
+24.0
11100
+25.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com