Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 42 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 42 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 46Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 229 page
background image
WM8993
Production Data
w
PD, November 2010, Rev 4.0
42
IN1L_VOL[4:0], IN2L_VOL[4:0],
IN1R_VOL[4:0], IN2R_VOL[4:0]
VOLUME
(dB)
11101
+27.0
11110
+28.5
11111
+30.0
Table 5 Input PGA Volume Range
INPUT MIXER ENABLE
The WM8993 has two analogue input mixers which allow the Input PGAs and Line Inputs to be
combined in a number of ways and output to the ADCs, Output Mixers, or directly to the output
drivers via bypass paths.
The input mixers MIXINL and MIXINR are enabled by the MIXINL_ENA and MIXINR_ENA register
bits, as described in Table 6. These control bits also enable the RXVOICE input path, described in
the following section.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R2 (02h)
Power
Management
(2)
9
MIXINL_ENA
0b
Left Input Mixer Enable
(Enables MIXINL and RXVOICE input to
MIXINL)
0 = Disabled
1 = Enabled
8
MIXINR_ENA
0b
Right Input Mixer Enable
(Enables MIXINR and RXVOICE input
to MIXINR)
0 = Disabled
1 = Enabled
Table 6 Input Mixer Enable
INPUT MIXER CONFIGURATION AND VOLUME CONTROL
The left and right channel input mixers MIXINL and MIXINR can be configured to take input from up
to five sources:
1.
IN1L or IN1R Input PGA
2.
IN2L or IN2R Input PGA
3.
IN1LP or IN1RP pin (PGA bypass)
4.
RXVOICE mono differential input from IN2LP/VRXN and IN2RP/VRXP
5.
MIXOUTL or MIXOUTR Output Mixer (Record path)
The Input Mixer configuration and volume controls are described in Table 7 for the Left input mixer
(MIXINL) and Table 8 for the Right input mixer (MIXINR). The signal levels from the Input PGAs may
be set to Mute, 0dB or 30dB boost. Gain controls for the PGA bypass, RXVOICE and Record paths
provide adjustment from -12dB to +6dB in 3dB steps.
To prevent pop noise, it is recommended that gain and mute controls for the input mixers are not
modified while the signal paths are active. If volume control is required on these signal paths, it is
recommended that this is implemented using the input PGA volume controls or the ADC volume
controls. The ADC volume controls are described in the “Analogue to Digital Converter (ADC)”
section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com