Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 68 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 68 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 64Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 65Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 66Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 67Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 68Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 69Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 70Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 71Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 72Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 229 page
background image
WM8993
Production Data
w
PD, November 2010, Rev 4.0
68
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8
SPKLVOL_ENA
0b
SPKMIXL Mixer and SPKLVOL
PGA Enable
0 = Disabled
1 = Enabled
Note that SPKMIXL and SPKLVOL
are also enabled when
SPKOUTL_ENA is set.
7
MIXOUTLVOL_ENA
0b
MIXOUTL Left Volume Control
Enable
0 = Disabled
1 = Enabled
6
MIXOUTRVOL_ENA
0b
MIXOUTR Right Volume Control
Enable
0 = Disabled
1 = Enabled
5
MIXOUTL_ENA
0b
MIXOUTL Left Output Mixer Enable
0 = Disabled
1 = Enabled
4
MIXOUTR_ENA
0b
MIXOUTR Right Output Mixer
Enable
0 = Disabled
1 = Enabled
R56 (38h)
AntiPOP1
6
HPOUT2_IN_ENA
0b
HPOUT2MIX Mixer and Input Stage
Enable
0 = Disabled
1 = Enabled
Table 38 Output Signal Paths Enable
HEADPHONE SIGNAL PATHS ENABLE
The HPOUT1L and HPOUT1R output paths can be actively discharged to AGND through internal
resistors if desired. This is desirable at start-up in order to achieve a known output stage condition
prior to enabling the VMID reference voltage. This is also desirable in shutdown to prevent the
external connections from being affected by the internal circuits. The HPOUT1L and HPOUT1R
outputs are shorted to AGND by default; the short circuit is removed on each of these paths by
setting the applicable fields HPOUT1L_RMV_SHORT or HPOUT1R_RMV_SHORT.
The ground-referenced Headphone output drivers are designed to suppress pops and clicks when
enabled or disabled. However, it is necessary to control the drivers in accordance with a defined
sequence in start-up and shut-down to achieve the pop suppression. It is also necessary to schedule
the DC Servo offset correction at the appropriate point in the sequence (see “DC Servo”). Table 39
and Table 40 describe the recommended sequences for enabling and disabling these output drivers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com