Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 33 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 33 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 37Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 229 page
background image
Production Data
WM8993
w
PD, November 2010, Rev 4.0
33
DEVICE DESCRIPTION
INTRODUCTION
The WM8993 is a low power, high quality audio codec designed to interface with a wide range of
processors and analogue components. A high level of mixed-signal integration in a very small
3.64 x 3.54mm footprint makes it ideal for portable applications such as mobile phones.
Eight highly flexible analogue inputs allow interfacing to up to four microphone inputs (single-ended
or differential), plus multiple stereo or mono line inputs. Connections to an external voice CODEC,
FM radio, melody IC, line input, handset MIC and headset MIC are all fully supported. Signal routing
to the output mixers and within the CODEC has been designed for maximum flexibility to support a
wide variety of usage modes. A ‘Direct Voice’ path from a voice CODEC directly to the Speaker or
Earpiece output drivers is included.
Nine analogue output drivers are integrated, including a stereo pair of high power, high quality
Class D/AB switchable speaker drivers; these can support 1W each in stereo mode, or can be
coupled to support a 2W mono speaker output. A mono earpiece driver is provided, providing output
from the output mixers or from the low-power differential ‘Direct Voice’ path.
One pair of ground-reference headphone outputs is provided; these are powered from an integrated
Charge Pump, enabling high quality, power efficient headphone playback without any requirement for
DC blocking capacitors. A DC Servo circuit is available for DC offset correction, thereby suppressing
pops and reducing power consumption. Four line outputs are provided, with multiple configuration
options including 4 x single-ended output or 2 x differential outputs. The line outputs are suitable for
output to a voice CODEC or an external speaker driver. They are also capable of driving ear
speakers and stereo headsets. Ground loop feedback is available on the headphone outputs and the
line outputs, providing rejection of noise on the ground connections. All outputs have integrated pop
and click suppression features.
Internal differential signal routing and amplifier configurations have been optimised to provide the
lowest possible power consumption for a wide range of usage scenarios, including voice calls and
music playback. The speaker drivers offer low leakage and high PSRR; this enables direct
connection to a Lithium battery. The speaker drivers provide eight levels of AC and DC gain to allow
output signal levels to be maximised for many commonly-used SPKVDD/AVDD1 combinations.
The stereo ADCs and DACs are of hi-fi quality, using a 24-bit low-order oversampling architecture to
deliver optimum performance. A flexible clocking arrangement supports mixed ADC and DAC sample
rates, whilst an integrated ultra-low power FLL provides additional flexibility. A high pass filter is
available in the ADC path for removing DC offsets and suppressing low frequency noise such as
mechanical vibration and wind noise. A digital mixing path from the ADC to the DAC provides a
sidetone of enhanced quality during voice calls. DAC soft mute and un-mute is available for pop-free
music playback.
The integrated Dynamic Range Controller (DRC) and ReTuneTM Mobile 5-band parametric equaliser
(EQ) provide further processing capability of the digital audio paths. The DRC provides compression
and signal level control to improve the handling of unpredictable signal levels. ‘Anti-clip’ and ‘quick
release’ algorithms improve intelligibility in the presence of transients and impulsive noises. The EQ
provides the capability to tailor the audio path according to the frequency characteristics of an
earpiece or loudspeaker, and/or according to user preferences.
The WM8993 has a highly flexible digital audio interface, supporting a number of protocols, including
I2S, DSP, MSB-first left/right justified, and can operate in master or slave modes. PCM operation is
supported in the DSP mode. A-law and
μ-law companding are also supported. Time division
multiplexing (TDM) is available to allow multiple devices to stream data simultaneously on the same
bus, saving space and power.
The system clock (CLK_SYS) provides clocking for the ADCs, DACs, DSP core, digital audio
interface and other circuits. CLK_SYS can be derived directly from the MCLK pin or via an integrated
FLL, providing flexibility to support a wide range of clocking schemes. Typical portable system MCLK
frequencies, and sample rates from 8kHz to 48kHz are all supported. Automatic configuration of the
clocking circuits is available, derived from the sample rate and from the MCLK / CLK_SYS ratio.
The integrated FLL can be used as a free-running oscillator, enabling autonomous clocking of the
Class D drivers, Headphone Charge Pump and DC Servo if required. (Note that hi-fi ADC / DAC
operation requires an external crystal.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com