Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 80 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 80 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 76Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 77Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 78Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 79Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 80Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 81Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 82Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 83Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 84Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 229 page
background image
WM8993
Production Data
w
PD, November 2010, Rev 4.0
80
SPEAKER BOOST MIXER
Each class D/AB speaker driver has its own boost mixer which performs a dual role. It allows the
output from the left speaker mixer (via SPKLVOL), right speaker mixer (via SPKRVOL), or the ‘Direct
Voice’ path to be routed to either speaker driver. (The ‘Direct Voice’ path is the differential input,
VRXN/VRXP, routed directly to the output drivers, providing a low power differential path from
baseband voice to loudspeakers.) The speaker boost mixers are controlled using the registers
defined in Table 51 below.
The second function of the speaker boost mixers is that they provide an additional AC gain (boost)
function to shift signal levels between the AVDD1 and SPKVDD voltage domains for maximum
output power. The AC gain (boost) function is described in the “Analogue Outputs” section.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R36 (24h)
SPKOUT
Mixers
5
VRX_TO_SPKOUTL
0b
Direct Voice (Differential Input,
VRXN/VRXP) to Left Speaker Mute
0 = Mute
1 = Un-mute
4
SPKMIXL_TO_SPKOU
TL
1b
SPKMIXL Left Speaker Mixer to
Left Speaker Mute
0 = Mute
1 = Un-mute
3
SPKMIXR_TO_SPKO
UTL
0b
SPKMIXR Right Speaker Mixer to
Left Speaker Mute
0 = Mute
1 = Un-mute
2
VRX_TO_SPKOUTR
0b
Direct Voice (Differential Input,
VRXN/VRXP) to Right Speaker
Mute
0 = Mute
1 = Un-mute
1
SPKMIXL_TO_SPKOU
TR
0b
SPKMIXL Left Speaker Mixer to
Right Speaker Mute
0 = Mute
1 = Un-mute
0
SPKMIXR_TO_SPKO
UTR
1b
SPKMIXR Right Speaker Mixer to
Right Speaker Mute
0 = Mute
1 = Un-mute
Table 51 Speaker Boost Mixer (SPKOUTLBOOST, SPKOUTRBOOST) Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com