Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 14 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 14 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 18Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 229 page
background image
WM8993
Production Data
w
PD, November 2010, Rev 4.0
14
Test Conditions
DCVDD = 1.2V, AVDD2 = DBVDD = CPVDD = 1.8V, AVDD1 = 3.0V, SPKVDD = 5V, DGND=AGND=CPGND=SPKGND=0V,
TA = +25
oC, 1kHz sinusoidal signal, fs = 48kHz, PGA gain = 0dB, 24-bit audio data unless otherwise stated.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Programmable Gain Amplifiers (PGAs) IN1L, IN2L, IN1R and IN2R
C1
Minimum Programmable Gain
-16.5
dB
C2
Maximum Programmable Gain
30
dB
C3
Programmable Gain Step Size
Guaranteed monotonic
1.5
dB
C4
Mute Attenuation
Inputs disconnected
90
dB
C5
Common Mode Rejection Ratio
(217Hz input)
Single PGA in differential mode, gain = +30dB
70
dB
Single PGA in differential mode, gain = 0dB
60
dB
Single PGA in differential mode, gain = -16.5dB
55
dB
Input Mixers MIXINL and MIXINR
C6
Minimum Programmable Gain
PGA Outputs to MIXINL and MIXINR
0
dB
C7
Maximum Programmable Gain
PGA Outputs to MIXINL and MIXINR
+30
dB
C8
Programmable Gain Step Size
PGA Outputs to MIXINL and MIXINR
30
dB
C9
Minimum Programmable Gain
Line Inputs and Record path to MIXINL and MIXINR
-12
dB
C10
Maximum Programmable Gain
Line Inputs and Record path to MIXINL and MIXINR
+6
dB
C11
Programmable Gain Step Size
Line Inputs and Record path to MIXINL and MIXINR
3
dB
C12
Minimum Programmable Gain
RXVOICE to MIXINL and MIXINR
-12
dB
C13
Maximum Programmable Gain
RXVOICE to MIXINL and MIXINR
+6
dB
C14
Programmable Gain Step Size
RXVOICE to MIXINL and MIXINR
3
dB
C16
Common Mode Rejection Ratio
(217Hz input)
RXVOICE to MIXINL or MIXINR, gain = +6dB
60
dB
RXVOICE to MIXINL or MIXINR, gain = 0dB
65
dB
RXVOICE to MIXINL or MIXINR, gain = -12dB
65
dB
Output Mixers MIXOUTL and MIXOUTR
C17
Minimum Programmable Gain
-21
dB
C18
Maximum Programmable Gain
0
dB
C19
Programmable Gain Step Size
3
dB
C20
Mute attenuation
-67
dB
Speaker Mixers SPKMIXL and SPKMIXR
C21
Minimum Programmable Gain
-15
dB
C22
Maximum Programmable Gain
0
dB
C23
Programmable Gain Step Size
3
dB
C24
Mute attenuation
-67
dB
Output Programmable Gain Amplifiers (PGAs) HPOUT1LVOL, HPOUT1RVOL, MIXOUTLVOL, MIXOUTRVOL, SPKLVOL
and SPKRVOL
C25
Minimum Programmable Gain
-57
dB
C26
Maximum Programmable Gain
+6
dB
C27
Programmable Gain Step Size
Guaranteed monotonic
1
dB
C28
Mute attenuation
-69
dB
Line Output Driver Programmable Gain LINEOUT1NMIX, LINEOUT1PMIX, LINEOUT2NMIX and LINEOUT2PMIX
C29
Minimum Programmable Gain
-6
dB
C30
Maximum Programmable Gain
0
dB
C31
Programmable Gain Step Size
6
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com