Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 40 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 40 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 44Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 229 page
background image
WM8993
Production Data
w
PD, November 2010, Rev 4.0
40
INPUT PGA VOLUME CONTROL
Each of the four Input PGAs has an independently controlled gain range of -16.5dB to +30dB in
1.5dB steps. The gains on the inverting and non-inverting inputs to the PGAs are always equal. Each
Input PGA can be independently muted using the PGA mute bits as described in Table 4, with
maximum mute attenuation achieved by simultaneously disconnecting the corresponding inputs
described in Table 3.
To prevent "zipper noise", a zero-cross function is provided on the input PGAs. When this feature is
enabled, volume updates will not take place until a zero-crossing is detected. In the case of a long
period without zero-crossings, a timeout function is provided. When the zero-cross function is
enabled, the volume will update after the timeout period if no earlier zero-cross has occurred. The
timeout clock is enabled using TOCLK_ENA, the timeout period is set by TOCLK_RATE. See
“Clocking and Sample Rates” for more information on these fields.
The IN1_VU and IN2_VU bits control the loading of the input PGA volume data. When IN1_VU and
IN2_VU are set to 0, the PGA volume data will be loaded into the respective control register, but will
not actually change the gain setting. The IN1L and IN1R volume settings are both updated when a 1
is written to IN1_VU; the IN2L and IN2R volume settings are both updated when a 1 is written to
IN2_VU. This makes it possible to update the gain of the left and right signal paths simultaneously.
The Input PGA Volume Control register fields are described in Table 4 and Table 5.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R24 (18h)
Left Line Input
1&2 Volume
8
IN1_VU
N/A
Input PGA Volume Update
Writing a 1 to this bit will cause IN1L and
IN1R input PGA volumes to be updated
simultaneously
7
IN1L_MUTE
1b
IN1L PGA Mute
0 = Disable Mute
1 = Enable Mute
6
IN1L_ZC
0b
IN1L PGA Zero Cross Detector
0 = Change gain immediately
1 = Change gain on zero cross only
4:0
IN1L_VOL
[4:0]
01011b
(0dB)
IN1L Volume
-16.5dB to +30dB in 1.5dB steps
(See Table 5 for volume range)
R25 (19h)
Left Line Input
3&4 Volume
8
IN2_VU
N/A
Input PGA Volume Update
Writing a 1 to this bit will cause IN2L and
IN2R input PGA volumes to be updated
simultaneously
7
IN2L_MUTE
1b
IN2L PGA Mute
0 = Disable Mute
1 = Enable Mute
6
IN2L_ZC
0b
IN2L PGA Zero Cross Detector
0 = Change gain immediately
1 = Change gain on zero cross only
4:0
IN2L_VOL
[4:0]
01011b
(0dB)
IN2L Volume
-16.5dB to +30dB in 1.5dB steps
(See Table 5 for volume range)
R26 (1Ah)
Right Line
Input 1&2
Volume
8
IN1_VU
N/A
Input PGA Volume Update
Writing a 1 to this bit will cause IN1L and
IN1R input PGA volumes to be updated
simultaneously
7
IN1R_MUTE
1b
IN1R PGA Mute
0 = Disable Mute
1 = Enable Mute
6
IN1R_ZC
0b
IN1R PGA Zero Cross Detector
0 = Change gain immediately
1 = Change gain on zero cross only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com