Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 16Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 229 page
background image
WM8993
Production Data
w
PD, November 2010, Rev 4.0
12
Test Conditions
DCVDD = 1.2V, AVDD2 = DBVDD = CPVDD = 1.8V, AVDD1 = 3.0V, SPKVDD = 5V, DGND=AGND=CPGND=SPKGND=0V,
TA = +25
oC, 1kHz sinusoidal signal, fs = 48kHz, PGA gain = 0dB, 24-bit audio data unless otherwise stated.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analogue Input Pin Impedances (IN1LN, IN1LP, IN2LN, IN2LP, IN1RN, IN1RP, IN2RN, IN2RP)
B1
PGA Input Resistance
Differential Mode
Note 4
See “Applications
Information” for details
of Input resistance at all
PGA Gain settings.
PGA Gain = -16.5dB
52.5
k
Ω
PGA Gain = 0dB
25.1
k
Ω
PGA Gain = +30dB
1.3
k
Ω
B2
PGA Input Resistance
Single-Ended Mode
Note 4
See “Applications
Information” for details
of Input resistance at all
PGA Gain settings.
PGA Gain = -16.5dB
58.0
k
Ω
PGA Gain = 0dB
36.2
k
Ω
PGA Gain = +30dB
2.5
k
Ω
B3
Line Input Resistance
Note 4
IN1LP or IN1RP to INMIXL
or INMIXR (-12dB)
56.0
k
Ω
IN1LP or IN1RP to INMIXL
or INMIXR (0dB)
17.4
k
Ω
IN1LP or IN1RP to INMIXL
or INMIXR (+6dB)
9.8
k
Ω
IN1LP to SPKMIXL or
IN1RP to SPKMIXR
(SPKATTN = -12dB)
88.5
k
Ω
IN1LP to SPKMIXL or
IN1RP to SPKMIXR
(SPKATTN = 0dB)
26.7
k
Ω
IN2LN, IN2RN, IN2LP or
IN2RP to MIXOUTL or
MIXOUTR
(-21dB)
150.9
k
Ω
IN2LN, IN2RN, IN2LP or
IN2RP to MIXOUTL or
MIXOUTR
(0dB)
18.2
k
Ω
VRXP-VRXN via RXVOICE
to MIXINL or MIXINR
(Gain = -12dB)
47.7
k
Ω
VRXP-VRXN via RXVOICE
to MIXINL or MIXINR
(Gain = 0dB)
12.0
k
Ω
VRXP-VRXN via RXVOICE
to MIXINL or MIXINR
(Gain = +6dB)
6.0
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com