Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 31 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 31 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 35Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 229 page
background image
Production Data
WM8993
w
PD, November 2010, Rev 4.0
31
TDM MODE
In TDM mode, it is important that two ADC devices to not attempt to drive the ADCDAT pin
simultaneously. The timing of the WM8993 ADCDAT tri-stating at the start and end of the data
transmission is described below.
Figure 5 Audio Interface Timing - TDM Mode
Test Conditions
The following timing information is valid across the full range of recommended operating conditions.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Audio Data Timing Information
ADCDAT setup time from BCLK falling edge
DCVDD =2.0V
DBVDD = 3.6V
5
ns
DCVDD = 1.08V
DBVDD = 1.62V
15
ns
ADCDAT release time from BCLK falling edge
DCVDD = 2.0V
DBVDD = 3.6V
5
ns
DCVDD = 1.08V
DBVDD = 1.62V
15
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com