Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 86 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 86 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 82Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 83Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 84Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 85Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 86Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 87Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 88Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 89Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 90Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 229 page
background image
WM8993
Production Data
w
PD, November 2010, Rev 4.0
86
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R76 (4Ch)
Charge Pump
1
15
CP_ENA
0
Enable charge-pump digits
0 = disable
1 = enable
Note: Default value of R76[14:0]
(0x1F25h) must not be changed
when enabling/disabling the Charge
Pump
R81 (51h)
Class W 0
0
CP_DYN_PWR
0
Enable dynamic charge pump
power control
0 = charge pump controlled by
volume register settings (Class G)
1 = charge pump controlled by real-
time audio level (Class W)
Table 55 Charge Pump Control
If the headphone output drivers (HPOUT1L and HPOUT1R) are not used, then the Charge Pump and
the associated external components are not required. The Charge Pump and Headphone drivers
should not be enabled in this case (CP_ENA=0, HPOUT1L_ENA=0, HPOUT1R_ENA=0).
If the Charge Pump is not used, and the associated external components are omitted, then the
CPCA and CPCB pins can be left floating; the CPVOUTP and CPVOUTN pins should be grounded
as illustrated in Figure 24.
Note that, when the Charge Pump is disabled, it is still recommended that the CPVDD pin is kept
within its recommended operating conditions (1.71V to 2.0V).
CPVDD
WM8993
Charge Pump
CPVOUTP
CPVOUTN
CPFB1
CPFB2
CPGND
Figure 24 External Configuration when Charge Pump not used
DC SERVO
The WM8993 provides a DC servo circuit on the headphone outputs HPOUT1L and HPOUT1R in
order to remove DC offset from these ground-referenced outputs. When enabled, the DC servo
ensures that the DC level of these outputs remains within 1mV of ground. Removal of the DC offset
is important because any deviation from GND at the output pin will cause current to flow through the
load under quiescent conditions, resulting in increased power consumption. Additionally, the
presence of DC offsets can result in audible pops and clicks at power up and power down.
The recommended usage of the DC Servo is initialised by running the default Start-Up sequence as
described in the “Control Write Sequencer” section. The default Start-Up sequence executes a series
of DC offset corrections, after which the measured offset correction is maintained on the headphone
output channels. If a different usage is required, eg. if a periodic DC offset correction is required,
then the default Start-Up sequence may be modified according to specific requirements. The relevant
control fields are described in the following paragraphs and are defined in Table 56.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com