Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 98 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 98 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 94Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 95Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 96Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 97Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 98Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 99Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 100Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 101Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 102Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 229 page
background image
WM8993
Production Data
w
PD, November 2010, Rev 4.0
98
GENERAL PURPOSE INPUT/OUTPUT
The WM8993 provides a number of GPIO functions to enable interfacing and detection of external
hardware and to provide logic outputs to other devices. The input functions can be polled directly or
can be used to generate an Interrupt (IRQ) event. The GPIO and Interrupt circuits support the
following functions:
Button detect (digital input)
Accessory detection (MICBIAS current detection)
Clock output (CLK_SYS divided by OPCLK_DIV)
FLL Lock status output
Temperature sensor output
Control Write Sequencer status
Logic ‘1’ and logic ‘0’ output
Interrupt event (IRQ) output
GPIO1 CONTROL
The function of the GPIO1 pin can be selected using the GPIO1_SEL field. The available functions
are described individually in the subsequent sections. Internal pull-up and pull-down resistors can be
enabled for interfacing with external signal sources or push-buttons.
GPIO1 may be configured as an input. In this configuration, the GPIO1 is an input to the Interrupt
function, with selectable de-bounce and polarity control. The associated interrupt bit is latched once
set and can be polled at any time or used to generate Interrupt events. See “Interrupts” for more
details of the Interrupt event handling.
The interrupt bit is latched once set; it is reset by writing a logic ‘1’ to the GPIO1_EINT register bit.
De-bouncing is provided in order to avoid false event triggers. Note that TOCLK must be enabled
when this input de-bouncing is required.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R18 (12h)
GPIO CTRL
1
0
GPIO1_EIN
T
0
GPIO1 interrupt
0 = interrupt not set
1 = interrupt is set
Cleared when a ‘1’ is written
R19 (13h)
GPIO 1
5
GPIO1_PU
0
GPIO1 pull-up resistor enable
0 = pull-up disabled
1 = pull-up enabled
4
GPIO1_PD
1
GPIO1 pull-down resistor enable
0 = pull-down disabled
1 = pull-down enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com