Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 24 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 24 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 28Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 229 page
background image
WM8993
Production Data
w
PD, November 2010, Rev 4.0
24
Test Conditions
DCVDD = 1.2V, AVDD2 = DBVDD = CPVDD = 1.8V, AVDD1 = 3.0V, SPKVDD = 5V, DGND=AGND=CPGND=SPKGND=0V,
TA = +25
oC, 1kHz sinusoidal signal, fs = 48kHz, PGA gain = 0dB, 24-bit audio data unless otherwise stated.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analogue Reference Levels
H1
VMID Midrail Reference Voltage
-3%
AVDD1/2
+3%
V
Microphone Bias (MICBIAS1 and MICBIAS2)
H2
Bias Voltage
2.4mA load current
MICB1_LVL=0
-5%
0.9
×AVDD1
+5%
V
2.4mA load current
MICB1_LVL=1
-5%
0.65
×AVDD1
+5%
V
H3
Bias Current Source
2.4
mA
H4
Output Noise Spectral Density
1kHz to 20kHz
100
nV/
√Hz
H6
MIC Current Detect Thresholds
JD_THR = 00
150
μA
JD_THR = 01
300
μA
JD_THR = 10
600
μA
JD_THR = 11
1200
μA
MIC Short Circuit Detect Thresholds
JD_SCTHR = 00
300
μA
JD_SCTHR = 01
600
μA
JD_SCTHR = 10
1200
μA
JD_SCTHR = 11
2400
μA
Current detect and short circuit detect thresholds are subject to a +/30% across temperature, supply and part-to-part
variation. This should be factored into any application design.
Charge Pump
H7
Start-up Time
500
μs
H8
Supply Voltage
1.71
2.0
V
H9
CPVOUTP
Normal mode
CPVDD
V
Low power mode
CPVDD/2
V
H10
CPVOUTN
Normal mode
-CPVDD
V
Low power mode
-CPVDD/2
V
H13
Flyback Capacitor
(between CPFB1 and CPFB2)
at 2V
1
2.2
μF
H14
CPVOUTP Capacitor
at 2V
2
2.2
μF
H15
CPVOUTN Capacitor
at 2V
2
2.2
μF
Digital Input / Output
H16
Input HIGH Level
0.8
×DBVDD
V
H17
Input LOW Level
0.2
×DBVDD
V
Note that digital input pins should not be left unconnected / floating.
H18
Output HIGH Level
IOL=1mA
0.8
×DBVDD
V
H19
Output LOW Level
IOH=-1mA
0.2
×DBVDD
V
H20
Input capacitance
10
pF
H21
Input leakage
-0.9
0.9
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com