Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 76 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 76 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 72Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 73Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 74Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 75Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 76Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 77Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 78Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 79Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 80Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 229 page
background image
WM8993
Production Data
w
PD, November 2010, Rev 4.0
76
OUTPUT SIGNAL PATH VOLUME CONTROL
There are six output PGAs - MIXOUTLVOL, MIXOUTRVOL, HPOUT1LVOL, HPOUT1RVOL,
SPKLVOL and SPKRVOL. Each can be independently controlled, with MIXOUTLVOL and
MIXOUTRVOL providing volume control to both the earpiece and line drivers, HPOUT1LVOL and
HPOUT1RVOL to the headphone driver, and SPKLVOL and SPKRVOL to the speaker drivers.
The volume control of each of these output PGAs can be adjusted over a wide range of values. To
minimise pop noise, it is recommended that only the MIXOUTLVOL, MIXOUTRVOL, HPOUT1LVOL,
HPOUT1RVOL, SPKLVOL and SPKRVOL are modified while the output signal path is active. Other
gain controls are provided in the signal paths to provide scaling of signals from different sources, and
to prevent clipping when multiple signals are mixed. However, to prevent pop noise, it is
recommended that those other gain controls should not be modified while the signal path is active.
To prevent "zipper noise", a zero-cross function is provided on the output PGAs. When this feature is
enabled, volume updates will not take place until a zero-crossing is detected. In the case of a long
period without zero-crossings, a timeout function is provided. When the zero-cross function is
enabled, the volume will update after the timeout period if no earlier zero-cross has occurred. The
timeout clock is enabled using TOCLK_ENA; the timeout period is set by TOCLK_RATE. See
“Clocking and Sample Rates” for more information on these fields.
The mixer output PGA controls are shown in Table 47. The MIXOUT_VU bits control the loading of
the output mixer PGA volume data. When MIXOUT_VU is set to 0, the volume control data will be
loaded into the respective control register, but will not actually change the gain setting. The output
mixer PGA volume settings are both updated when a 1 is written to either MIXOUT_VU bit. This
makes it possible to update the gain of both output paths simultaneously.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R32 (20h)
Left OPGA
Volume
8
MIXOUT_VU
N/A
Mixer Output PGA Volume Update
Writing a 1 to this bit will update
MIXOUTLVOL and MIXOUTRVOL
volumes simultaneously.
7
MIXOUTL_ZC
0b
MIXOUTLVOL (Left Mixer Output
PGA) Zero Cross Enable
0 = Zero cross disabled
1 = Zero cross enabled
6
MIXOUTL_MUTE_N
1b
MIXOUTLVOL (Left Mixer Output
PGA) Mute
0 = Mute
1 = Un-mute
5:0
MIXOUTL_VOL [5:0]
39h
(0dB)
MIXOUTLVOL (Left Mixer Output
PGA) Volume
-57dB to +6dB in 1dB steps
(See Table 50 for output PGA
volume control range)
R33 (21h)
Right OPGA
Volume
8
MIXOUT_VU
N/A
Mixer Output PGA Volume Update
Writing a 1 to this bit will update
MIXOUTLVOL and MIXOUTRVOL
volumes simultaneously.
7
MIXOUTR_ZC
0b
MIXOUTRVOL (Right Mixer Output
PGA) Zero Cross Enable
0 = Zero cross disabled
1 = Zero cross enabled
6
MIXOUTR_MUTE_N
1b
MIXOUTLVOL (Right Mixer Output
PGA) Mute
0 = Mute
1 = Un-mute
5:0
MIXOUTR_VOL [5:0]
39h
(0dB)
MIXOUTRVOL (Right Mixer Output
PGA) Volume
-57dB to +6dB in 1dB steps
(See Table 50 for output PGA
volume control range)
Table 47 Mixer Output PGA (MIXOUTLVOL, MIXOUTRVOL) Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com