Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 61 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 61 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 61Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 63Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 64Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 65Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 229 page
background image
Production Data
WM8993
w
PD, November 2010, Rev 4.0
61
DIGITAL TO ANALOGUE CONVERTER (DAC)
The WM8993 DACs receive digital input data from the DACDAT pin and via the digital sidetone path.
The digital audio data is converted to oversampled bit streams in the on-chip, true 24-bit digital
interpolation filters. The bitstream data enters two multi-bit, sigma-delta DACs, which convert them to
high quality analogue audio signals. The multi-bit DAC architecture reduces high frequency noise and
sensitivity to clock jitter. It also uses a Dynamic Element Matching technique for high linearity and
low distortion.
The analogue outputs from the DACs can be mixed with analogue line/mic inputs using the line
output mixers MIXOUTL / MIXOUTR and the speaker output mixers SPKMIXL / SPKMIXR.
The DACs are enabled by the DACL_ENA and DACR_ENA register bits.
Note that the CLK_DSP clock must be enabled and present whenever the DACs are enabled. See
“Clocking and Sample Rates” for details of this clock.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3 (03h)
Power
Management (3)
1
DACL_ENA
0
Left DAC Enable
0 = DAC disabled
1 = DAC enabled
0
DACR_ENA
0
Right DAC Enable
0 = DAC disabled
1 = DAC enabled
Table 31 DAC Enable Control
DAC DIGITAL VOLUME CONTROL
The output level of each DAC can be controlled digitally over a range from -71.625dB to 0dB in
0.375dB steps. The level of attenuation for an eight-bit code X is given by:
0.375
× (X-192) dB for 1 ≤ X ≤ 192;
MUTE for X = 0
0dB for 192
≤ X ≤ 255
The DAC_VU bit controls the loading of digital volume control data. When DAC_VU is set to 0, the
DACL_VOL or DACR_VOL control data will be loaded into the respective control register, but will not
actually change the digital gain setting. Both left and right gain settings are updated when a 1 is
written to DAC_VU. This makes it possible to update the gain of both channels simultaneously.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R11 (0Bh)
Left DAC
Digital Volume
8
DAC_VU
N/A
DAC Volume Update
Writing a 1 to this bit will cause left
and right DAC volume to be updated
simultaneously
7:0
DACL_VOL
[7:0]
1100_0000
(0dB)
Left DAC Digital Volume
00h = MUTE
01h = -71.625dB
… (0.375dB steps)
C0h = 0dB
(See Table 33 for volume range)
R12 (0Ch)
Right DAC
Digital Volume
8
DAC_VU
N/A
DAC Volume Update
Writing a 1 to this bit will cause left
and right DAC volume to be updated
simultaneously
7:0
DACR_VOL
[7:0]
1100_0000
(0dB)
Right DAC Digital Volume
00h = MUTE
01h = -71.625dB
… (0.375dB steps)
C0h = 0dB
(See Table 33 for volume range)
Table 32 DAC Digital Volume Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com