Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 91 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 91 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 87Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 88Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 89Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 90Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 91Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 92Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 93Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 94Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 95Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 229 page
background image
Production Data
WM8993
w
PD, November 2010, Rev 4.0
91
ANALOGUE OUTPUTS
The speaker, headphone, earpiece and line outputs are highly configurable and may be used in
many different ways.
SPEAKER OUTPUT CONFIGURATIONS
The speaker outputs SPKOUTL and SPKOUTR can be driven by either of the speaker mixers,
SPKMIXL or SPKMIXR, or by the low power, differential Direct Voice path from IN2LP/VRXN and
IN2RP/VRXP. Fine volume control is available on the speaker mixer paths using the SPKLVOL and
SPKRVOL PGAs. A boost function is available on both the speaker mixer paths and the Direct Voice
path. For information on the speaker mixing options, refer to the “Output Signal Path” section.
The speaker outputs SPKOUTL and SPKOUTR operate in a BTL configuration in Class AB or Class
D amplifier modes. The default mode is class D but class AB mode can be selected by setting the
SPKOUT_CLASSAB_MODE register bit, as defined in Table 60.
The speaker outputs may be configured in two ways:
1.
Stereo Mode – supports up to 1W into stereo 8
Ω BTL loads
2.
Mono Mode – supports up to 2W into a single 4
Ω BTL load
Mono mode is selected by applying a logic high input to the SPKMONO pin (E3). For Stereo mode
this pin should be connected to GND. Note that SPKMONO is referenced to DBVDD.
SPEAKER CONFIGURATION
SPKMONO PIN (E3)
Stereo Mode
GND
Mono Mode
DBVDD
Table 59 SPKMONO Pin Function
For mono operation, the P channels, SPKOUTLP and SPKOUTRP should be connected together on
the PCB, and similarly with the N channels, SPKOUTLN and SPKOUTRN. Refer to External
Components Diagram in the ‘Applications Information’ for more details. In this configuration both left
and right speaker drivers should be enabled (SPKOUTL_ENA=1 and SPKOUTR_ENA=1), but path
selection and volume controls are available on left channel only (SPKMIXL, SPKLVOL and
SPKOUTLBOOST).
Note that for applications with a mono 8
Ω speaker it is possible to improve THD performance at
higher power levels by configuring the output in mono mode instead of running either the left of right
channel in stereo mode.
The connections for stereo and mono speaker configurations are shown in Figure 25.
Figure 25 Mono and Stereo Speaker Output Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com