Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 93 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 93 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 89Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 90Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 91Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 92Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 93Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 94Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 95Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 96Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 97Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 229 page
background image
Production Data
WM8993
w
PD, November 2010, Rev 4.0
93
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
2:0
SPKOUTR_BOOST
[2:0]
000b
(1.0x)
Right Speaker Gain Boost
000 = 1.00x boost (+0dB)
001 = 1.19x boost (+1.5dB)
010 = 1.41x boost (+3.0dB)
011 = 1.68x boost (+4.5dB)
100 = 2.00x boost (+6.0dB)
101 = 2.37x boost (+7.5dB)
110 = 2.81x boost (+9.0dB)
111 = 3.98x boost (+12.0dB)
R54 (36h)
Speaker
Mixer
8
SPKAB_REF_SEL
0b
Selects Reference for Speaker in
Class AB mode
0 = SPKVDD/2
1 = VMID
Table 60 Speaker Mode and Boost Control
Clocking of the Class D output driver is derived from CLK_SYS. The clocking frequency division is
configured automatically, according to the CLK_SYS_RATE and SAMPLE_RATE registers. (See
“Clocking and Sample Rates” for further details of the system clocks and control registers.)
The Class D switching clock is enabled whenever SPKOUTL_ENA or SPKOUTR_ENA is set,
provided also that SPKOUT_CLASSAB_MODE = 0. The frequency is as described in Table 61.
Note that the CLK_SYS must be present and enabled when using the speaker outputs in Class D
mode.
SAMPLE
RATE (kHz)
SYSTEM CLOCK RATE (CLK_SYS / fs ratio)
64
128
192
256
384
512
768
1024
1408
1536
8
256
256
256
341.3
256
341.3
256
341.3
352
256
11.025
352.8
352.8
352.8
352.8
352.8
352.8
352.8
352.8
12
384
384
384
384
384
384
384
384
16
256
341.3
384
341.3
384
341.3
384
22.05
352.8
352.8
352.8
352.8
352.8
352.8
24
341.3
384
384
384
384
384
32
341.3
341.3
384
341.3
384
44.1
352.8
352.8
352.8
352.8
48
384
384
384
384
Table 61 Class D Switching Frequency (kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com