Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 95 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 95 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 91Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 92Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 93Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 94Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 95Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 96Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 97Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 98Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 99Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 229 page
background image
Production Data
WM8993
w
PD, November 2010, Rev 4.0
95
EARPIECE DRIVER OUTPUT CONFIGURATIONS
The earpiece driver outputs HPOUT2P and HPOUT2N are driven by the HPOUT2MIX output mixer,
which can take inputs from the mixer output PGAs MIXOUTLVOL and MIXOUTRVOL, or from the
low power, differential Direct Voice path IN2LP/VRXN and IN2RP/VRXP. Fine volume control is
available on the output mixer paths using MIXOUTLVOL and MIXOUTRVOL. A selectable -6dB
attenuation is available on the HPOUT2MIX output, as described in Table 52 (refer to the “Output
Signal Path” section).
The earpiece outputs are designed to operate in a BTL configuration, driving 50mW into a typical
16
Ω ear speaker.
For suppression of pop noise there are two separate enables for the earpiece driver; HPOUT2_ENA
enables the output stage and HPOUT2_IN_ENA enables the mixer and input stage.
HPOUT2_IN_ENA should be enabled a minimum of 50
μs before HPOUT2_ENA – see “Control Write
Sequencer” section for an example power sequence.
LINE OUTPUT CONFIGURATIONS
The four line outputs LINEOUT1P, LINEOUT1N, LINEOUT2P and LINEOUT2N provide a highly
flexible combination of differential and single-ended configurations, each driven by a dedicated output
mixer. There is a selectable -6dB gain option in each mixer to avoid clipping when mixing more than
one signal into a line output. Additional volume control is available at other locations within each of
the supported signal paths. For more information about the line output mixing options, refer to the
“Output Signal Path” section.
Typical applications for the line outputs (single-ended or differential) are:
•
Handset or headset microphone output to external voice CODEC
•
Stereo line output
•
Output to external speaker driver(s) to support additional loudspeakers (e.g. stereo 2W
with external driver plus on-chip mono 2W output)
When single-ended mode is selected for either LINEOUT1 or LINEOUT2, a buffered VMID must be
enabled as a reference for the outputs. This is enabled by setting the LINEOUT_VMID_BUF_ENA bit
as defined in Table 62.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R56 (38h)
AntiPOP1
7
LINEOUT_VMID_BUF_E
NA
0b
Enables VMID reference for line
outputs in single-ended mode
0 = Disabled
1 = Enabled
Table 62 LINEOUT VMID Buffer for Single-Ended Operation
Some example line output configurations are listed and illustrated below.
Differential line output from Mic/Line input on IN1L PGA
Differential line output from Mic/Line input on IN1R PGA
Stereo differential line output from output mixers MIXOUTL and MIXOUTR
Stereo single-ended line output from output mixer to either LINEOUT1 or LINEOUT2
Mono single-ended line output from output mixer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com