Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 94 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 94 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 90Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 91Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 92Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 93Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 94Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 95Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 96Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 97Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 98Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 229 page
background image
WM8993
Production Data
w
PD, November 2010, Rev 4.0
94
HEADPHONE OUTPUT CONFIGURATIONS
The headphone outputs HPOUT1L andHPOUT1R are driven by the headphone output PGAs
HPOUT1LVOL and HPOUT1RVOL. Each PGA has its own dedicated volume control, as described
in the “Output Signal Path” section. The input to these PGAs can be either the output mixers
MIXOUTL and MIXOUTR or the direct DAC outputs DACL and DACR.
The headphone output driver is capable of driving up to 25mW into a 16Ω or 32Ω load such as a
stereo headset or headphones. The outputs are ground-referenced, eliminating any requirement for
AC coupling capacitors. This is achieved by having separate positive and negative supply rails
powered by an on-chip charge pump. A DC Servo circuit removes any DC offset from the headphone
outputs, suppressing ‘pop’ noise and minimising power consumption. The Charge Pump and DC
Servo are described separately (see “Charge Pump” and “DC Servo” respectively).
It is recommended to connect a zobel network to the headphone output pins HPOUT1L and
HPOUT1R for best audio performance in all applications. The components of the zobel network have
the effect of dampening high frequency oscillations or instabilities that can arise outside the audio
band under certain conditions. Possible sources of these instabilities include the inductive load of a
headphone coil or an active load in the form of an external line amplifier. The capacitance of lengthy
cables or PCB tracks can also lead to amplifier instability. The zobel network should comprise of a
20
Ω resistor and 100nF capacitor in series with each other, as illustrated in Figure 27.
If any ground-referenced headphone output is not used, then the zobel network components can be
omitted from the corresponding output pin, and the pin can be left floating. The respective
headphone driver(s) should not be enabled in this case.
Figure 27 Zobel Network Components for HPOUT1L and HPOUT1R
The headphone output incorporates a common mode, or ground loop, feedback path which provides
rejection of system-related ground noise. The return path is via HPOUT1FB. This pin must be
connected to ground for normal operation of the headphone output. No register configuration is
required.
Note that the HPOUT1FB pin should be connected to GND close to the headphone jack, as
illustrated in Figure 27.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com