Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 82 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 82 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 78Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 79Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 80Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 81Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 82Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 83Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 84Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 85Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 86Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 229 page
background image
WM8993
Production Data
w
PD, November 2010, Rev 4.0
82
The LINEOUT1 output mixers are controlled as described in Table 53. Care should be taken to avoid
clipping when enabling more than one path to the line output mixers. The LINEOUT1_VOL control
can be used to provide -6dB attenuation when more than one full scale signal is applied.
When using the LINEOUT1 mixers in single-ended mode, a buffered VMID must be enabled. This is
achieved by setting LINEOUT_VMID_BUF_ENA, as described in the “Analogue Outputs” section.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R30 (1Eh)
Line Outputs
Volume
6
LINEOUT1N_MUTE
1b
LINEOUT1N Line Output Mute
0 = Un-mute
1 = Mute
5
LINEOUT1P_MUTE
1b
LINEOUT1P Line Output Mute
0 = Un-mute
1 = Mute
4
LINEOUT1_VOL
0b
LINEOUT1 Line Output Volume
0 = 0dB
1 = -6dB
Applies to both LINEOUT1N and
LINEOUT1P
R52 (34h)
Line Mixer1
6
MIXOUTL_TO_LINEO
UT1N
0b
MIXOUTL to Single-Ended Line
Output on LINEOUT1N
0 = Mute
1 = Un-mute
(LINEOUT1_MODE = 1)
5
MIXOUTR_TO_LINE
OUT1N
0b
MIXOUTR to Single-Ended Line
Output on LINEOUT1N
0 = Mute
1 = Un-mute
(LINEOUT1_MODE = 1)
4
LINEOUT1_MODE
0b
LINEOUT1 Mode Select
0 = Differential
1 = Single-Ended
2
IN1R_TO_LINEOUT1
P
0b
IN1R Input PGA to Differential Line
Output on LINEOUT1
0 = Mute
1 = Un-mute
(LINEOUT1_MODE = 0)
1
IN1L_TO_LINEOUT1
P
0b
IN1L Input PGA to Differential Line
Output on LINEOUT1
0 = Mute
1 = Un-mute
(LINEOUT1_MODE = 0)
0
MIXOUTL_TO_LINEO
UT1P
0b
Differential Mode
(LINEOUT1_MODE = 0):
MIXOUTL to Differential Output on
LINEOUT1
0 = Mute
1 = Un-mute
Single Ended Mode
(LINEOUT1_MODE = 1):
MIXOUTL to Single-Ended Line
Output on LINEOUT1P
0 = Mute
1 = Un-mute
Table 53 LINEOUT1N and LINEOUT1P Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com