Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 104 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 104 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 100Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 101Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 102Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 103Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 104Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 105Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 106Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 107Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 108Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 229 page
background image
WM8993
Production Data
w
PD, November 2010, Rev 4.0
104
FLL LOCK STATUS OUTPUT
The WM8993 maintains a flag indicating the lock status of the FLL, which may be used to control
other events if required. The FLL Lock status may be output directly on the GPIO1 pin, and may also
be used to generate Interrupt events. See “GPIO1 Control” for details of outputting the FLL Lock flag
on the GPIO1 pin. See “Clocking and Sample Rates” for more details of the FLL.
The FLL Lock signal is an input to the Interrupt function, with selectable de-bounce and polarity
control. The associated interrupt bit is latched once set and can be polled at any time or used to
trigger the IRQ output. See “Interrupts” for more details of the Interrupt event handling.
The interrupt bit is latched once set; it is reset by writing a logic ‘1’ to the FLL_LOCK_EINT register
bit. De-bouncing is provided in order to avoid false event triggers. Note that TOCLK must be enabled
when this input de-bouncing is required.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R18 (12h)
GPIO CTRL
1
8
FLL_LOCK_
EINT
0
FLL Lock interrupt
0 = interrupt not set
1 = interrupt is set
Cleared when a ‘1’ is written
R20 (14h)
IRQ_DEBOU
NCE
8
FLL_LOCK_
DB
0
FLL Lock de-bounce
0 = disabled
1 = enabled
R22 (16h)
GPIOCTRL2
8
IM_FLL_LO
CK_EINT
0
FLL Lock interrupt mask
0 = do not mask interrupt
1 = mask interrupt
R23 (17h)
GPIO_POL
8
FLL_LOCK_
POL
0
FLL Lock interrupt polarity
0 = active high (interrupt is triggered when
FLL Lock is reached)
1 = active low (interrupt is triggered when FLL
is not locked)
Table 68 FLL Lock Interrupt Control
The FLL Lock signal is asserted when FLL Lock has been reached. When configured to generate an
interrupt event, the default value of FLL_LOCK_POL will cause an interrupt event when FLL Lock
has been reached.
When GPIO1_SEL = 0100, the FLL Lock signal is output on the GPIO1 pin. A logic 1 indicates that
FLL Lock has been reached. Note that the polarity is not programmable for GPIO output; the
GPIO1_POL and FLL_LOCK_POL fields affect the Interrupt behaviour only.
TEMPERATURE SENSOR OUTPUT
The WM8993 incorporates a temperature sensor which detects when the device temperature is
within normal limits or if the device is approaching a hazardous temperature condition. The
temperature status may be output directly on the GPIO1 pin, and may also be used to generate
Interrupt events. See “GPIO1 Control” for details of outputting the Temp OK flag on the GPIO1 pin.
The temperature sensor signal is an input to the Interrupt function, with selectable de-bounce and
polarity control. The associated interrupt bit is latched once set and can be polled at any time or used
to trigger the IRQ output. See “Interrupts” for more details of the Interrupt event handling.
The interrupt bit is latched once set; it is reset by writing a logic ‘1’ to the TEMPOK_EINT register bit.
De-bouncing is provided in order to avoid false event triggers. Note that TOCLK must be enabled
when this input de-bouncing is required.
Note that the temperature sensor can be configured to automatically disable the audio outputs of the
WM8993 (see “Thermal Shutdown”). In some applications, it may be preferable to manage the
temperature sensor event through GPIO or Interrupt functions, allowing a host processor to
implement a controlled system response to an over-temperature condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com