Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 105 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 105 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 101Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 102Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 103Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 104Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 105Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 106Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 107Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 108Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 109Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 229 page
background image
Production Data
WM8993
w
PD, November 2010, Rev 4.0
105
The temperature sensor must be enabled by setting the TSHUT_ENA register bit. When the
TSHUT_OPDIS is also set, then a device over-temperature condition will cause the speaker outputs
(SPKOUTL and SPKOUTR) of the WM8993 to be disabled.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R2 (02h)
Power
Management
(2)
14
TSHUT_EN
A
1
Thermal sensor enable
0 = disabled
1 = enabled
13
TSHUT_OP
DIS
1
Thermal shutdown control
(Causes audio outputs to be disabled if an
overtemperature occurs. The thermal sensor
must also be enabled.)
0 = disabled
1 = enabled
R18 (12h)
GPIO CTRL
1
11
TEMPOK_EI
NT
0
Temp OK interrupt
0 = interrupt not set
1 = interrupt is set
Cleared when a ‘1’ is written
R20 (14h)
IRQ_DEBOU
NCE
11
TEMPOK_D
B
0
Temp OK de-bounce
0 = disabled
1 = enabled
R22 (16h)
GPIOCTRL2
11
IM_TEMPO
K_EINT
0
Temp OK interrupt mask
0 = do not mask interrupt
1 = mask interrupt
R23 (17h)
GPIO_POL
11
TEMPOK_P
OL
1
Temp OK interrupt polarity
0 = active high (interrupt is triggered when
temperature is normal)
1 = active low (interrupt is triggered when
over-temperature)
Table 69 Temperature Sensor Enable and Interrupt Control
The Temperature Sensor output is asserted when the device is within normal operating limits. When
configured to generate an interrupt event, the default value of TEMPOK_POL will cause an interrupt
event when an overtemperature condition has been reached.
When GPIO1_SEL = 0101, the Temperature Sensor status is output on the GPIO1 pin. A logic 0
indicates that an overtemperature condition has been reached. Note that the polarity is not
programmable for GPIO output; the GPIO1_POL and TEMPOK_POL fields affect the Interrupt
behaviour only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com