Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA400A Datasheet(PDF) 102 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 102 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 98Page - STMicroelectronics STA400A Datasheet HTML 99Page - STMicroelectronics STA400A Datasheet HTML 100Page - STMicroelectronics STA400A Datasheet HTML 101Page - STMicroelectronics STA400A Datasheet HTML 102Page - STMicroelectronics STA400A Datasheet HTML 103Page - STMicroelectronics STA400A Datasheet HTML 104Page - STMicroelectronics STA400A Datasheet HTML 105Page - STMicroelectronics STA400A Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 117 page
background image
STA400A
102/117
FrameLen - TDM Frame Length
Sets the nominal TDM frame length in system clock cycles. This value is used for the prediction of the MFP
clock. The default value corresponds to 432ms at nominal system clock.
DeltaCycles - MFP Clock Period Monitor
Displays the deviation of the actual MFP clock period from the nominal value set in register FrameLen (0x0645/
46/47). The value is given in number of system clock cycles.
MFC - Master Frame Counter
MFC_lsb - Master Frame Counter (LSB)
TDM2Enable - TDM Management Block Enable
This register enables/disables the TDM2 internal blocks. The single block is enabled loading '1' in the corre-
sponding bit.
Type:
MultiBytes - R/W
Word Length:
24
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
FrameLen3
0647
23-9
9D
FrameLen2
0646
15-8
AD
FrameLen1
0645
7-0
00
Type:
MultiBytes - R
Word Length:
11
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
DeltaCycles2
0649
10-8
--
DeltaCycles1
0648
7-0
--
Type:
MultiBytes - R
Word Length:
11
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
MFC2
064B
10-8
--
MFC1
064A
7-0
--
Type:
SingleByte - R
Word Length:
7
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
MFC_lsb
064C
6-0
--
Type
: SingleByte - R/W
Word Length:
8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
TDM2Enable
064D
7-0
FF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com