Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA400A Datasheet(PDF) 104 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 104 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 100Page - STMicroelectronics STA400A Datasheet HTML 101Page - STMicroelectronics STA400A Datasheet HTML 102Page - STMicroelectronics STA400A Datasheet HTML 103Page - STMicroelectronics STA400A Datasheet HTML 104Page - STMicroelectronics STA400A Datasheet HTML 105Page - STMicroelectronics STA400A Datasheet HTML 106Page - STMicroelectronics STA400A Datasheet HTML 107Page - STMicroelectronics STA400A Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 117 page
background image
STA400A
104/117
is taken over into the internal PCID table.
PRC_ti - Time Interval Between two PRCs
The number written in this register must be multiplied by 1024 to get the time interval (in number of master clock
cycles ).
Clock cycles between two PRCs: Prc_ti * 1024 + 1.
Since there are maximum 50 PRCs in a 432ms frame, with the reset value of this register the PRCs in the frame
occupy the following time interval:
WARNING: This value must be greater than 8 and less than 202 to have a correct function of the PC Interface.
TSCW_Err - Action Setting After Uncorrected TSCW
Determines the behaviour in case of an uncorrected TSCC1 of a TDM frame, i.e. possible corrupted TSCW.
b1-b0:
00 =
The TSCW of the last received error free TDM frame are used for decoding the PCs
01 =
No PCs are decoded in case of TSCC1 RS uncorrected errors
10 =
The received TSCWs are used for decoding
11 =
NOT VALID.
TSCW_AddrRd - Word Address in the TSCW Table
This register addresses the word in the TSCW table the user wants to read. Whenever register Tscw_Data
(0x0657) is read, this address is automatically incremented.
Type:
SingleByte - R/W
Word Length:
5
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
PcidAddr
0653
4-0
00
Type:
SingleByte - R/W
Word Length:
8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
PRC_ti
0654
7-0
C8
Type:
SingleByte - R/W
Word Length:
2
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
TSCW_Err
0655
1-0
00
Type:
SingleByte - WRT Word Length: 8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
TSCW_AddrRd
0656
7-0
00
116 1024
1
+
⋅
23.92
Σ6
-------------------------------------50
248.3ms
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com