Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA400A Datasheet(PDF) 108 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 108 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 104Page - STMicroelectronics STA400A Datasheet HTML 105Page - STMicroelectronics STA400A Datasheet HTML 106Page - STMicroelectronics STA400A Datasheet HTML 107Page - STMicroelectronics STA400A Datasheet HTML 108Page - STMicroelectronics STA400A Datasheet HTML 109Page - STMicroelectronics STA400A Datasheet HTML 110Page - STMicroelectronics STA400A Datasheet HTML 111Page - STMicroelectronics STA400A Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 117 page
background image
STA400A
108/117
value each time the algorithm lowers the confidence threshold due to bad estimates.
Cf_DeltaCntLow_M
- Coarse Frequency Estimation Confidence Threshold
Coarse Frequency Estimation Confidence Threshold Control. This value is the number of subsequent bad es-
timates for lowering the confidence threshold by a decrement of register 0x0722
Cf_MaxKexpHigh_M
- Coarse Frequency Estimation Confidence Threshold
Control of threshold value for good/bad decision of cf algorithm. This value determines the absolute maximum
of the confidence threshold value for the distinction between good and bad estimates independent of the history
stored within the sliding window buffer (see register 0x072D).
Cf_DiffKexpMaxHigh_M
- Coarse Frequency Estimation Confidence Threshold
Control of threshold value for good/bad decision of cf algorithm. This value is used to determine the relative
maximum of the confidence threshold value for the distinction between good and bad estimates dependent on
the maximum frequency estimate confidence value stored in the sliding window buffer (see register 0x072D).
The relative maximum is calculated by the maximum estimate confidence value within the sliding window buffer
minus the register value. The minimum value of both absolute and relative maximum values determines the
highest confidence threshold used by the algorithm.
Cf_DeltaKexpHigh_M
- Coarse Frequency Estimation Confidence Threshold
Control of threshold value for good/bad decision of cf algorithm. This value is the increment of the threshold
value each time the algorithm enlarges the confidence threshold due to good estimates.
Type:
SingleByte - R/W
Word Length:
8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
Cf_Delta_KexpLow_M
0722
7-0
01
Type:
SingleByte - R/W
Word Length:
10
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
Cf_DeltaCntLow2_M
0724
9-8
00
Cf_DeltaCntLow1_M
0723
7-0
20
Type:
SingleByte - R/W
Word Length:
8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
Cf_MaxKexpHigh_M
0726
7-0
FF
Type:
SingleByte - R/W
Word Length:
8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
Cf_DiffKexpMaxHigh_M
0727
7-0
06
Type:
SingleByte - R/W
Word Length:
8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
Cf_DeltaKexpHigh_M
0728
7-0
01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com