Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA400A Datasheet(PDF) 112 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 112 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 108Page - STMicroelectronics STA400A Datasheet HTML 109Page - STMicroelectronics STA400A Datasheet HTML 110Page - STMicroelectronics STA400A Datasheet HTML 111Page - STMicroelectronics STA400A Datasheet HTML 112Page - STMicroelectronics STA400A Datasheet HTML 113Page - STMicroelectronics STA400A Datasheet HTML 114Page - STMicroelectronics STA400A Datasheet HTML 115Page - STMicroelectronics STA400A Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 117 page
background image
STA400A
112/117
3
I/O CELL DESCRIPTION
1) CMOS Output Pad Buffer, 2mA with slew rate control.
2) CMOS Output Pad Buffer, 4mA with slew rate control.
3) CMOS Schmitt Trigger Input Pad Buffer
4) CMOS BiDir Pad Buffer, 2mA with slew rate control.
5) CMOS Schmitt Trigger BiDir Pad Buffer, 4mA with slew rate control
A
D98AU920
Z
EXTERNAL PIN
MAX. LOAD
Z
50pF
A
D98AU920
Z
EXTERNAL PIN
MAX. LOAD
Z
100pF
A
D99AU1072
Z
EXTERNAL PIN
CAPACITANCE
A1pF
EN
A
ZI
D99AU1074A
IO
EXTERNAL PIN
INPUT CAP
MAX. LOAD
I/O
1.5pF
50pF
EN
A
D98AU921
ZI
IO
EXTERNAL PIN
INPUT CAP
MAX. LOAD
I/O
1.9pF
100pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com