Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA400A Datasheet(PDF) 115 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 115 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 109Page - STMicroelectronics STA400A Datasheet HTML 110Page - STMicroelectronics STA400A Datasheet HTML 111Page - STMicroelectronics STA400A Datasheet HTML 112Page - STMicroelectronics STA400A Datasheet HTML 113Page - STMicroelectronics STA400A Datasheet HTML 114Page - STMicroelectronics STA400A Datasheet HTML 115Page - STMicroelectronics STA400A Datasheet HTML 116Page - STMicroelectronics STA400A Datasheet HTML 117Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 115 / 117 page
background image
115/117
STA400A
9.2) Output Buffer Drive Characterictics (Guaranteed by Design)
Figure 18. Slew Rate Load Circuit
1) See PIN DESCRIPTION.
2) Load Circuit: see fig.17.
3) The Current Slew Rate values are the mean values between currents in Vdd=3.3V and GND power lines
for one buffer.
4) Typical Peak Current in GND: 24mA.
5) Typical Peak Current in GND: 50mA.
6) Temperature 25 °C, Vdd=3.3V.
Symbol
Parameter
Buffer
Codition
Min
Typ
Max
Unit
RVSR
Rise Voltage Slew Rate
2mA Driver 1)
With Load 2)
0.8
1.2
1.9
V/ns
No Load)
4.0
6.1
8.3
V/ns
FVSR
Fall Voltage Slew Rate
2mA Driver
With Load 2)
0.8
1.2
1.9
V/ns
No Load
3.6
5.3
7.9
V/ns
RVSR
Rise Voltage Slew Rate
4mA Driver 1)
With Load 2)
1.1
1.8
2.8
V/ns
No Load
4.6
6.8
9.6
V/ns
FVSR
Fall Voltage Slew Rate
4mA Driver
With Load 2)
1.2
1.8
2.6
V/ns
No Load
3.8
5.4
9.2
V/ns
CSR 3)
Current Slew Rate
2mA Driver 4)
35pF load 6)
8.0
mA/ns
4mA Driver 5)
35pF load 6)
6.0
mA/ns
10pF
1 KOhm
1 KOhm
Vdd3
Vr
0.2*Vdd3
0.6*Vdd3
Vf
tf
tr
RVSR=Vr/tr
FVSR=Vf/tf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com