Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA400A Datasheet(PDF) 114 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 114 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 109Page - STMicroelectronics STA400A Datasheet HTML 110Page - STMicroelectronics STA400A Datasheet HTML 111Page - STMicroelectronics STA400A Datasheet HTML 112Page - STMicroelectronics STA400A Datasheet HTML 113Page - STMicroelectronics STA400A Datasheet HTML 114Page - STMicroelectronics STA400A Datasheet HTML 115Page - STMicroelectronics STA400A Datasheet HTML 116Page - STMicroelectronics STA400A Datasheet HTML 117Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 114 / 117 page
background image
STA400A
114/117
9 TIMING DIAGRAMS
9.1 AC Characterictics (Guaranteed by Design)
Figure 17. Clocks and I/O Timing Diagram
Load Circuit: 50 pF to ground.
Symbol
Parameter
Min
Max
Unit
tWH
Clock High Pulse Width
6
nsec
tWL
Clock Low Pulse Width
6
nsec
tRXC
Rise Delay
(XTI/MCLK Clock Input to MCLKO Clock Output)
7nsec
tRXCN
Rise Delay
(XTI/MCLK Clock Input to MCLKON Clock Output)
10
nsec
tFXC
Fall Delay
(XTI/MCLK Clock Input to MCLKO Clock Output)
7nsec
tFXCN
Fall Delay
(XTI/MCLK Clock Input to MCLKON Clock Output)
9nsec
tSU
Input Set-up Time
1
nsec
tHOLD
Input Hold Time
5
nsec
tDXO
Output Data Valid Delay
13
nsec
t
SU
IF2TD[9:0]
IF2SD[7:0]
MAI1
MDQ[7:0]
000000000
000000000
000000000
000000000
000000000
000000000
0000000000
0000000000
0000000000
0000000000
0000000000
0000000000
000000000000000000
000000000000000000
000000000000000000
000000000000000000
000000000000000000
000000000000000000
t
HOLD
t
RXC
t
FXCN
t
FXC
t
RXCN
XTI/MCLK
MCLKO
MCLKON
t
WH
t
WL
DATA(1)
DATA(2)
DATA(3)
t
DXO
DIGITAL OUTPUTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com