Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA400A Datasheet(PDF) 103 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 103 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 99Page - STMicroelectronics STA400A Datasheet HTML 100Page - STMicroelectronics STA400A Datasheet HTML 101Page - STMicroelectronics STA400A Datasheet HTML 102Page - STMicroelectronics STA400A Datasheet HTML 103Page - STMicroelectronics STA400A Datasheet HTML 104Page - STMicroelectronics STA400A Datasheet HTML 105Page - STMicroelectronics STA400A Datasheet HTML 106Page - STMicroelectronics STA400A Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 117 page
background image
103/117
STA400A
b7:
trs_en
enable TDM read synchronization
b6:
mcg_en
enable MFP clock generation
b5:
pdc_en
enable PRC demultiplex controller
b4:
trm_en
enable TDM read management
b3:
tam_en
enable TDM external memory access management
b2:
tmc_en
enable TDM external memory controller
b1:
twm_en
enable TDM write management
b0:
trb_en
enable TDM bookkeeping
XmemFifoLevel - External Memory Write Access Buffer Filling Level
External memory write access buffer filling level. Maximum value is 12dec.
PcidDataRd - PCID Table Read Register
Using this register the internal prc demux table can be read together with the address register PcidAddr (
0x0653) . In this register the pcid value together with the control flags for both pc interfaces is provided.
PcidDataWr1 (0x0651) contains the pcid number. PcidDataWr2 (0x0652) contains whether the pcid interface 0
(b8) or 1 (b9) is enabled (=1) or disabled (=0)
PcidDataWr - PCID Number Write and PC Interface Port Enable
Using this register the internal prc demux table can be configured together with the address register PcidAddr
(0x0653). In this register the pcid value together with the control flags for both pc interfaces is provided.
PcidDataWr1 (0x0651) contains the pcid number. PcidDataWr2 (0x0652) contains whether the pcid interface 0
(b8) or 1 (b9) is enabled (=1) or disabled (=0)
PcidAddr - Payload Channel Identifier Table Address
Using this register the internal PRC demux table can be configured. The table has 28dec entries. This register
holds the address where the PCID entry contained in register PcidDataWr (0x0652/51) is written into the table.
In order to program the PCID table this register has to be set first. Starting with writing of PcidDataWr, the entry
Type:
SingleByte - R
Word Length:
4
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
XmemFifoLevel
064E
3-0
--
Type:
MultiBytes - R
Word Length:
10
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
PcidDataRd2
0650
9-8
--
PcidDataRd1
064F
7-0
--
Type:
MultiBytes - WRT
Word Length:
10
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
PcidDataWr2
0652
9-8
00
PcidDataWr1
0651
7-0
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com