Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712 Datasheet(PDF) 117 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 117 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 113Page - Cirrus Logic CS89712 Datasheet HTML 114Page - Cirrus Logic CS89712 Datasheet HTML 115Page - Cirrus Logic CS89712 Datasheet HTML 116Page - Cirrus Logic CS89712 Datasheet HTML 117Page - Cirrus Logic CS89712 Datasheet HTML 118Page - Cirrus Logic CS89712 Datasheet HTML 119Page - Cirrus Logic CS89712 Datasheet HTML 120Page - Cirrus Logic CS89712 Datasheet HTML 121Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 170 page
background image
CS89712
DS502PP2
117
RxEvent, TxEvent, and BufEvent. The other two registers are counter-overflow reports: RxMISS and TxCOL. In ad-
dition, ISQ is located at offset address 0008h. See Section 2.31,
“Managing Interrupts & Status Queue”.
Reset value is: 0000 0000 0000 0000
3.18.2
Receiver Configuration Register (RxCFG, address offset 102h)
RxCFG determines what frame types will cause interrupts.
After reset, if no EEPROM is found by the CS89712, then the register has the following initial state. If an EEPROM
is found, then the register’s initial value may be set by the EEPROM. See Section 2.24,
“Programming the EE-
PROM”.
Reset value is: 0000 0000 0000 0011
Bit
Description
5:0
RegNum: The lower six bits describe which register (4, 8, C, 10 or 12) is contained in the ISQ.
7:6
F:8
RegContent: The upper ten bits contain the register data contents.
Table 66. Interrupt Status Queue
76
5:0
F
E
D
RSVD
Skip_1
000011
ExtradataiE
RuntiE
CB
A
9
8
CRCerroriE
BufferCRC
RSVD
RSVD
RxOKiE
Bit
Description
5:0
000011: These bits provide an internal address used by the CS89712 to identify this as register
3, the Receiver Configuration Register.
6
Skip_1: When set, this bit causes the last committed received frame to be deleted from the
receive buffer. To skip another frame, this bit must be set again. This bit is not to be used if
RxDMAonly (Bit 9) is set. Skip_1 is an Act-Once bit. See Section 2.32.4,
“Buffering Held
Receive Frames”.
8
RxOKiE: When set, there is an RxOK Interrupt if a frame is received without errors. RxOK
interrupt is not generated when DMA mode is used for frame reception.
A
RSVD: Reserved - must be a “0” when writing to this register.
B
BufferCRC: When set, the received CRC is included with the data stored in the receive-frame
buffer, and the four CRC bytes are included in the receive-frame length (Ethernet Port offset
address 0402h). When clear, neither the receive buffer nor receive length include the CRC.
C
CRCerroriE: When set, there is a CRCerror Interrupt if a frame is received with a bad CRC.
D
RuntiE: When set, ther is a Runt Interrupt if a frame is received that is shorter than 64 bytes.
The CS89712 always discards any frame that is shorter than 8 bytes.
E
ExtradataiE: When set, there is an Extradata Interrupt if a frame is received that is longer than
1518 bytes. The operation of this bit is independent of the received packet integrity (good or
bad CRC).
Table 67. Receiver Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com