Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712 Datasheet(PDF) 121 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 121 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 117Page - Cirrus Logic CS89712 Datasheet HTML 118Page - Cirrus Logic CS89712 Datasheet HTML 119Page - Cirrus Logic CS89712 Datasheet HTML 120Page - Cirrus Logic CS89712 Datasheet HTML 121Page - Cirrus Logic CS89712 Datasheet HTML 122Page - Cirrus Logic CS89712 Datasheet HTML 123Page - Cirrus Logic CS89712 Datasheet HTML 124Page - Cirrus Logic CS89712 Datasheet HTML 125Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 170 page
background image
CS89712
DS502PP2
121
3.18.6
Transmitter Event Register (TxEvent, address offset 128h)
TxEvent gives the event status of the last packet transmitted.
Reset value is:
0000 0000 0000 1000
Notes:
1.In any event register, like TxEvent, all bits are cleared upon readout. The software is responsible for
processing all event bits.
2.TxOK (Bit 8) and the Number-of-Tx-Collisions (Bits E-B) are used in normal packet transmission.All
other bits (6, 7, 9, A, and F) give the status of abnormal transmit operation.
7:6
5:0
F
E:B
A
9
8
RSVD
001000
16coll
Number-of-Tx-collisions
Jabber
Out-of-window
TxOK
Bit
Description
5:0
001000: These bits provide an internal address used by the CS89712 to identify this as register
8, the Transmitter Event Register.
7:6
RSVD: Reserved. must be a “0” when writing to this register.
8
TxOK: This bit is set if the last packet was completely transmitted (Jabber (Bit A), out-of-win-
dow-collision (Bit 9), and 16Coll (Bit F) must all be clear). If TxOKiE (Register 7, TxCFG, Bit 8)
is set, there is an interrupt.
9
Out-of-Window: This bit is set if a collision occurs more than 512 bit times after the first bit of
the preamble. When this occurs, the CS89712 forces a bad CRC and terminates the transmis-
sion. If Out-of-windowiE (Register 7, TxCFG, Bit 9) is set, there is an interrupt
A
Jabber: If the last transmission is longer than 26 msec, then the packet output is terminated by
the jabber logic and this bit is set. If JabberiE (Register 7, TxCFG, Bit A) is set, there is an inter-
rupt.
E:B
#-of-TX-collisions: These bits give the number of transmit collisions that occurred on the last
transmitted packet. Bit B is the LSB. If AnycolliE (Register 7, TxCFG, Bit B) is set, there is an
interrupt when any collision occurs.
F
16coll: This bit is set if the CS89712 encounters 16 normal collisions while attempting to trans-
mit a particular packet. When this happens, the CS89712 stops further attempts to send that
packet. If 16colliE (Register 7, TxCFG, Bit F) is set, there is an interrupt.
Table 71. Transmitter Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com