Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712 Datasheet(PDF) 125 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 125 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 121Page - Cirrus Logic CS89712 Datasheet HTML 122Page - Cirrus Logic CS89712 Datasheet HTML 123Page - Cirrus Logic CS89712 Datasheet HTML 124Page - Cirrus Logic CS89712 Datasheet HTML 125Page - Cirrus Logic CS89712 Datasheet HTML 126Page - Cirrus Logic CS89712 Datasheet HTML 127Page - Cirrus Logic CS89712 Datasheet HTML 128Page - Cirrus Logic CS89712 Datasheet HTML 129Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 170 page
background image
CS89712
DS502PP2
125
3.18.10 Receiver Miss Counter Register (RxMISS, address offset 130h)
The RxMISS counter (Bits 6 through F) records the number of receive frames that are lost (missed) due to the lack
of available buffer space. If the MissOvfloiE bit (Register B, BufCFG, Bit D) is set, there is an interrupt when RxMISS
increments from 1FFh to 200h. This interrupt provides the software with an early warning that the RxMISS counter
should be read before it reaches 3FFh and starts over (by interrupting at 200h, the software has an additional 512
counts before RxMISS actually overflows). The RxMISS counter is cleared when read.
Register’s value is: 0000 0000 0001 0000
7:6
5:0
F:8
MissCount
010000
MissCount
Bit
Description
5:0
010000: These bits provide an internal address used by the CS89712 to identify this as register
10, the Receiver Miss Counter. When reading this register, these bits will be 010000, where the
LSB corresponds to Bit 0.
7:6
F:8
MissCount: The upper ten bits contain the number of missed frames.
Table 75. Receiver Miss Counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com