Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712 Datasheet(PDF) 123 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 123 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 119Page - Cirrus Logic CS89712 Datasheet HTML 120Page - Cirrus Logic CS89712 Datasheet HTML 121Page - Cirrus Logic CS89712 Datasheet HTML 122Page - Cirrus Logic CS89712 Datasheet HTML 123Page - Cirrus Logic CS89712 Datasheet HTML 124Page - Cirrus Logic CS89712 Datasheet HTML 125Page - Cirrus Logic CS89712 Datasheet HTML 126Page - Cirrus Logic CS89712 Datasheet HTML 127Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 170 page
background image
CS89712
DS502PP2
123
3.18.8
Buffer Configuration Register (BufCFG, address offset 10Ah)
Each bit in BufCFG enables an interrupt. The corresponding interrupt is enabled when set, and disabled when clear.
After reset, if no EEPROM is found by the CS89712, then the register has the following initial state after reset. If an
EEPROM is found, then the register’s initial value may be set by the EEPROM. See Section 2.24,
“Programming the
EEPROM”.
Reset value is: 0000 0000 0000 1011
76
5:0
F
E
D
RSVD
SWint-X
001011
RxDestiE
Miss OvfloiE
CBA
9
8
TxCol OvfloiE
Rx128iE
RxMissiE
TxUnder runtiE
Rdy4TxiE
Bit
Description
5:0
001011: Identify this as register B, the Buffer Configuration Register.
6
SWint-X: When set, there is an interrupt requested by the software. The Ethernet port provides
the interrupt, and sets the SWint (Register C, BufEvent, Bit 6) bit. The Ethernet port acts upon
this command at once. SWint-X is an Act-Once bit. To generate another interrupt, rewrite a "1"
to this bit.
7
RSVD: Reserved; must be a “0” when writing to this register.
8
Rdy4TxiE: When set, there is an interrupt when the CS89712 is ready to accept a frame from
the software for transmission. (See Section 2.34,
“Transmit Operation” for a description of the
transmit bid process.)
9
TxUnderruniE: When set, there is an interrupt if the CS89712 runs out of data before it
reaches the end of the frame (called a transmit underrun). When this happens, event bit
TXUnderrun (Register C, BufEvent, Bit 9) is set and the CS89712 makes no further attempts to
transmit that frame. If the software still wants to transmit that particular frame, the software
must go through the transmit request process again.
A
RxMissiE: When set, there is an interrupt if one or more received frames is lost due to slow
movement of receive data out of the receive buffer (called a receive miss). When this happens,
the RxMiss bit (Register C, BufEvent, Bit A) is set.
B
Rx128iE: When set, there is an interrupt after the first 128 bytes of a frame have been
received. This allows software to examine the Destination Address, Source Address, Length,
Sequence Number, and other information before the entire frame is received. This interrupt
should not be used with DMA. Thus, if either AutoRxDMA (Register 3, RxCFG, Bit A) or RxDM-
Aonly (Register 3, RxCFG, Bit 9) is set, the Rx128iE bit must be clear.
C
TxColOvfiE: If set, there is an interrupt when the TxCOL counter increments from 1FFh to
200h. (The TxCOL counter (Register 18) is incremented whenever the CS89712 sees that the
RXD+/RXD- pins (10BASE-T) go active while a packet is being transmitted.)
D
MissOvfloiE: If MissOvfloiE is set, there is an interrupt when the RxMISS counter increments
from 1FFh to 200h. (A receive miss is said to have occurred if packets are lost due to slow
movement of receive data out of the receive buffers. When this happens, the RxMiss bit (Reg-
ister C, BufEvent, Bit A) is set, and the RxMISS counter (Register 10) is incremented.)
F
RxDestiE: When set, there is an interrupt when a receive frame passes the Destination
Address filter criteria defined in the RxCTL register (Register 5). This bit provides an early indi-
cation of an incoming frame. It is earlier than Rx128 (Register C, BufEvent, Bit B). If RxDestiE
is set, the BufEvent could be RxDest or Rx128. After 128 bytes are received, the BufEvent
changes from RxDest to Rx128.
Table 73. Buffer Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com