Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712 Datasheet(PDF) 127 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 127 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 123Page - Cirrus Logic CS89712 Datasheet HTML 124Page - Cirrus Logic CS89712 Datasheet HTML 125Page - Cirrus Logic CS89712 Datasheet HTML 126Page - Cirrus Logic CS89712 Datasheet HTML 127Page - Cirrus Logic CS89712 Datasheet HTML 128Page - Cirrus Logic CS89712 Datasheet HTML 129Page - Cirrus Logic CS89712 Datasheet HTML 130Page - Cirrus Logic CS89712 Datasheet HTML 131Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 170 page
background image
CS89712
DS502PP2
127
3.18.12 Line Control Register (LineCTL, address offset 112h)
LineCTL determines the configuration of the MAC engine and physical interface.
After reset, if no EEPROM is found by the CS89712, then the register has the following initial state. If an EEPROM
is found, then the register’s initial value may be set by the EEPROM. See Section 2.24,
“Programming the EE-
PROM”.
Reset value is: 0000 0000 0001 0011
76
5:0
F
E
SerTxOn
SerRxON
010011
LoRx Squelch
D
CBA
9:8
2-part DefDis
PolarityDis
Mod BackoffE
RSVD
Bit
Description
5:0
010011: These bits provide an internal address used by the CS89712 to identify this as register
13, the Line Control Register.
6
SerRxON: When set, the receiver is enabled. When clear, no incoming packets pass through
the receiver. If SerRxON is cleared while a packet is being received, reception is completed
and no subsequent receive packets are allowed until SerRxON is set again.
7
SerTxON: When set, the transmitter is enabled. When clear, no transmissions are allowed. If
SerTxON is cleared while a packet is being transmitted, transmission is completed and no sub-
sequent packets are transmitted until SerTxON is set again.
B
ModBackoffE: When clear, the ISO/IEC standard backoff algorithm is used (see Section 2.26,
“Media Access Control Engine”). When set, the Modified Backoff algorithm is used. (The Modi-
fied Backoff algorithm extends the backoff delay after each of the first three Tx collisions.)
C
PolarityDis: The 10BASE-T receiver automatically determines the polarity of the received sig-
nal at the RXD+/RXD- input (see Section 2.28,
“10BASE-T Transceiver”). When this bit is
clear, the polarity is corrected, if necessary. When set, no effort is made to correct the polarity.
This bit is independent of the PolarityOK bit (Register 14, LineST, Bit C), which reports whether
the polarity is normal or reversed.
D
2-partDefDis: Before a transmission can begin, the 89712 follows a deferral procedure. With
the 2-partDefDis bit clear, the CS89712 uses the standard two-part deferral as defined in
ISO/IEC 8802-3 paragraph 4.2.3.2.1. With the 2-partDefDis bit set, the two-part deferral is dis-
abled.
E
LoRxSquelch: When clear, the 10BASE-T receiver squelch thresholds are set to levels
defined by the ISO/IEC 8802-3 specification. When set, the thresholds are reduced by approx-
imately 6 dB. This is useful for operating with "quiet" cables that are longer than 100 meters.
9:8
RSVD: Reserved; must be a “0” when writing to this register.
Table 77. Line Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com