Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712 Datasheet(PDF) 130 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 130 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 126Page - Cirrus Logic CS89712 Datasheet HTML 127Page - Cirrus Logic CS89712 Datasheet HTML 128Page - Cirrus Logic CS89712 Datasheet HTML 129Page - Cirrus Logic CS89712 Datasheet HTML 130Page - Cirrus Logic CS89712 Datasheet HTML 131Page - Cirrus Logic CS89712 Datasheet HTML 132Page - Cirrus Logic CS89712 Datasheet HTML 133Page - Cirrus Logic CS89712 Datasheet HTML 134Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 170 page
background image
CS89712
130
DS502PP2
3.18.15 Self Status Register (SelfST, address offset 136h)
SelfST reports the status of the EEPROM interface and the initialization process.
Reset value is: 0000 0000 0001 0110
76
5:0
F
E
D
INITD
3.3V Active
010110
CB
A
9
8
EEsize
RSVD
EEPROM OK
EEPROM present
SIBUSY
Bit
Description
5:0
010110: These bits provide an internal address used by the CS89712 to identify this as register
16, the Self Status Register. When reading this register, these bits will be 010110, where the
LSB corresponds to Bit 0.
6
3,3VActive: If the CS89712 is operating on a 3.3 V supply, this bit is set. If the CS89712 is
operating on a 5V supply, this bit is clear.
7
INITD: If set, the CS89712 initialization, including read-in of the EEPROM, is complete.
8
SIBUSY: If set, the EECS output pin is high indicating that the EEPROM is currently being read
or programmed. The software must not write to Ethernet Port offset address 0040h nor 0042h
until SIBUSY is clear.
9
EEPROMpresent: If the EEDataIn pin is low after reset, there is no EEPROM present, and the
EEPROMpresent bit is clear. If the EEDataIn pin is high after reset, the CS89712 "assumes"
that an EEPROM is present, and this bit is set.
A
EEPROMOK: If set, the checksum of the EEPROM readout was OK.
B
RSVD: Reserved; must be a “0” when writing to this register.
C
EEsize: This bit shows the size of the attached EEPROM and is valid only if the EEPROMpre-
sent bit (Bit 9) and EEPROMOK bit (Bit A) are both set. If clear, the EEPROM size is either 128
words ('C56 or 'CS56) or 256 words (C66 or 'CS66). If set, the EEPROM size is 64 words ('C46
or 'CS46).
Table 80. Self Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com