Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712 Datasheet(PDF) 128 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 128 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 124Page - Cirrus Logic CS89712 Datasheet HTML 125Page - Cirrus Logic CS89712 Datasheet HTML 126Page - Cirrus Logic CS89712 Datasheet HTML 127Page - Cirrus Logic CS89712 Datasheet HTML 128Page - Cirrus Logic CS89712 Datasheet HTML 129Page - Cirrus Logic CS89712 Datasheet HTML 130Page - Cirrus Logic CS89712 Datasheet HTML 131Page - Cirrus Logic CS89712 Datasheet HTML 132Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 170 page
background image
CS89712
128
DS502PP2
3.18.13 Line Status Register (LineST, address offset 134h)
LineST reports the status of the Ethernet physical interface.
Reset value is: 0000 0000 0001 0100
76
5:0
F
E
LinkOK
010100
CRS
CB
A
9
8
PolarityOK
10BT
RSVD
Bit
Description
5:0
010100: These bits provide an internal address used by the CS89712 to identify this as register
14, the Line Status Register. When reading this register, these bits will be 010100, where the
LSB corresponds to Bit 0.
7
LinkOK: If set, the 10BASE-T link has not failed. When clear, the link has failed, either
because the CS89712 has just come out of reset, or because the receiver has not detected
any activity (link pulses or received packets) for at least 50 ms.
8
RSVD: Reserved; must be a “0” when writing to this register.
9
10BT: If set, the CS89712 is using the 10BASE-T interface.
C
PolarityOK: If set, the polarity of the 10BASE-T receive signal (at the RXD+ / RXD- inputs) is
correct. If clear, the polarity is reversed. If PolarityDis (Register 13, LineCTL, Bit C) is clear, the
polarity is automatically corrected, if needed. The PolarityOK status bit shows the true state of
the incoming polarity independent of the PolarityDis control bit. Thus, if PolarityDis is clear and
PolarityOK is clear, then the receive polarity is inverted, and corrected.
E
CRS: This bit tells the software the status of an incoming frame. If CRS is set, a frame is cur-
rently being received. CRS remains asserted until the end of frame (EOF). At EOF, CRS goes
inactive in about 1.3 to 2.3 bit times after the last low-to-high transition of the recovered data.
Table 78. Line Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com