Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712 Datasheet(PDF) 124 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 124 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 120Page - Cirrus Logic CS89712 Datasheet HTML 121Page - Cirrus Logic CS89712 Datasheet HTML 122Page - Cirrus Logic CS89712 Datasheet HTML 123Page - Cirrus Logic CS89712 Datasheet HTML 124Page - Cirrus Logic CS89712 Datasheet HTML 125Page - Cirrus Logic CS89712 Datasheet HTML 126Page - Cirrus Logic CS89712 Datasheet HTML 127Page - Cirrus Logic CS89712 Datasheet HTML 128Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 170 page
background image
CS89712
124
DS502PP2
3.18.9
Buffer Event Register (BufEvent, address offset 12Ch)
BufEvent gives the status of the transmit and receive buffers.
Reset value is: 0000 0000 0000 1100
Notes: With any event register, like BufEvent, all bits are cleared upon readout. The software is responsible for
processing all event bits.
76
5:0
F
E
D
RSVD
SWint
001100
RxDest
CBA
9
8
Rx128
RxMiss
TxUnder run
Rdy4Tx
Bit
Description
5:0
001100: These bits provide an internal address used by the CS89712 to identify this as register
C, the Buffer Event Register.
6
SWint: If set, there has been a software initiated interrupt. This bit is used in conjunction with
the SWint-X bit (Register B, BufCFG, Bit 6).
7
RSVD: Reserved; must be a “0” when writing to this register.
8
Rdy4Tx: If set, the CS89712 is ready to accept a frame from the software for transmission. If
Rdy4TxiE (Register B, BufCFG, Bit 8) is set, there is an interrupt. (See Section 2.34,
“Transmit
Operation” for a description of the transmit bid process.)
9
TxUnderrun: This bit is set if CS89712 runs out of data before it reaches the end of the frame
(called a transmit underrun). If TxUnderruniE (Register B, BufCFG, Bit 9) is set, there is an
interrupt.
A
RxMiss: If set, one or more receive frames have been lost due to slow movement of data out of
the receive buffers. If RxMissiE (Register B, BufCFG, Bit A) is set, there is an interrupt.
B
Rx128: This bit is set after the first 128 bytes of an incoming frame have been received. This bit
will allow the software the option of preprocessing frame data before the entire frame is
received. If Rx128iE (Register B, BufCFG, Bit B) is set, there is an interrupt.
F
RxDest: When set, this bit shows that a receive frame has passed the Destination Address Fil-
ter criteria as defined in the RxCTL register (Register 5). This bit is useful as an early indication
of an incoming frame. It will be earlier than Rx128 (Register C, BufEvent, Bit B). If RxDestiE
(Register B, BufCFG, Bit F) is set, there is an interrupt.
Table 74. Buffer Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com