Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712 Datasheet(PDF) 129 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 129 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 125Page - Cirrus Logic CS89712 Datasheet HTML 126Page - Cirrus Logic CS89712 Datasheet HTML 127Page - Cirrus Logic CS89712 Datasheet HTML 128Page - Cirrus Logic CS89712 Datasheet HTML 129Page - Cirrus Logic CS89712 Datasheet HTML 130Page - Cirrus Logic CS89712 Datasheet HTML 131Page - Cirrus Logic CS89712 Datasheet HTML 132Page - Cirrus Logic CS89712 Datasheet HTML 133Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 170 page
background image
CS89712
DS502PP2
129
3.18.14 Self Control Register (SelfCTL, address offset 114h)
SelfCTL controls the operation of the LED outputs and the lower-power modes.
After reset, if no EEPROM is found by the CS89712, then the register has the following initial state. If an EEPROM
is found, then the register’s initial value may be set by the EEPROM. See Section 2.24,
“Programming the EE-
PROM”.
Reset value is: 0000 0000 0001 0101
76
5:0
F
E
D
RESET
010101
HCB1
HCB0
RESERVED
CBA
9
8
HC0E
RESERVED
RESERVED
SW Suspend
Bit
Description
5:0
010101: These bits provide an internal address used by the CS89712 to identify this as register
15, the Self Control Register.
6
RESET: When set, a chip-wide reset is initiated immediately. RESET is an Act-Once bit. This
bit is cleared as a result of the reset.
8
SWSuspend: When set, the CS89712 Ethernet port enters the software initiated Suspend
mode. Upon entering this mode, there is a partial reset. All Ethernet registers and circuits are
reset. There is no transmit nor receive activity in this mode. To come out of software Suspend,
the software issues an Write within the Ethernet port’s assigned memory space.
C
HC0E: The LINKLED or HC0 output pin is selected with this control bit. When HC0E is clear,
the output pin is LINKLED. When HC0E is set, the output pin is HC0 and the HCB0 bit (Bit E)
controls the pin.
E
HCB0: When HC0E (Bit C) is set, this bit controls the HC0 pin. If HCB0 is set, HC0 is low. If
HCB0 is clear, HC0 is high. HC0 may drive an LED or a logic gate. When HC0E (Bit C) is clear,
this control bit is ignored.
F
HCB1: When HC1E (Bit D) is set, this bit controls the HC1 pin. If HCB1 is set, HC1 is low. If
HCB1 is clear, HC1 is high. HC1 may drive an LED or a logic gate. When HC1E (Bit D) is clear,
this control bit is ignored.
Table 79. Self Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com