Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712 Datasheet(PDF) 118 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 118 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 114Page - Cirrus Logic CS89712 Datasheet HTML 115Page - Cirrus Logic CS89712 Datasheet HTML 116Page - Cirrus Logic CS89712 Datasheet HTML 117Page - Cirrus Logic CS89712 Datasheet HTML 118Page - Cirrus Logic CS89712 Datasheet HTML 119Page - Cirrus Logic CS89712 Datasheet HTML 120Page - Cirrus Logic CS89712 Datasheet HTML 121Page - Cirrus Logic CS89712 Datasheet HTML 122Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 170 page
background image
CS89712
118
DS502PP2
3.18.3
Receiver Event Register, (RxEvent, address offset 124h)
Alternate meaning if bits 8 and 9 are both set (see Section 2.32.7,
“Receive Ethernet Port Locations” for exception
regarding Broadcast frames).
RxEvent reports the status of the current received frame.
Reset value is: 0000 0000 0000 0100
Notes: 1. All RxEvent bits are cleared upon readout. The software is responsible for processing all event bits.
2. RxStatus register (Ethernet Port offset address 0400h) is the same as the RxEvent register except
RxStatus is not cleared when RxEvent is read. See Section 2.32,
“Basic Receive Operation”. The value
in the RxEvent register is undefined when RxDMAOnly bit (Bit 9, Register 3, RxCFG) is set.
76
5:0
F
E
D
Dribblebits
IAHash
000100
Extradata
Runt
CB
A
9
8
CRCerror
Broadcast
Individual Adr
Hashed
RxOK
76
5:0
F:A
9
8
Dribblebits
IAHash
000100
Hash Table Index (see Section 2.32.7,
“Receive
Ethernet Port Locations”)
Hashed = 1
RxOK = 1
Bit
Description
5:0
000100: These bits identify this as register 4, the Receiver Event Register. When reading this
register, these bits will be 000100, where the LSB corresponds to Bit 0.
6
IAHash: If the received frame’s Destination Address is accepted by the hash filter, then this bit
is set if, and only if IAHashA (Register 5, RxCTL, Bit 6) is set, and Hashed (Bit 9) is set. See
Section 2.32.7,
“Receive Ethernet Port Locations”.
7
Dribblebits: If set, the received frame had from one to seven bits after the last received full
byte. An "Alignment Error" occurs when Dribblebits and CRCerror (Bit C) are both set.
8
RxOK: If set, the received frame had a good CRC and valid length (i.e., there is not a CRC
error, Runt error, or Extradata error). When RxOK is set, then the length of the received frame
is contained at Ethernet Port offset address 0402h. If RxOKiE (Register 3, RxCFG, Bit 8) is set,
there is an interrupt.
9
Hashed: If set, the received frame had a Destination Address that was accepted by the hash
filter. If Hashed and RxOK (Bit 8) are set, Bits F through A of RxEvent become the Hash Table
Index for this frame [See Section 2.32.7,
“Receive Ethernet Port Locations” for an exception
regarding broadcast frames!].If Hashed and RxOK are not both set, then Bits F through A are
individual event bits as defined below.
A
IndividualAdr: If the received frame had a Destination Address which matched the Individual
Address found at Ethernet Port offset address 0158h, then this bit is set if, and only if, RxOK
(Bit 8) is set and IndividualA (Register 5, RxCTL, Bit A) is set.
B
Broadcast: If the received frame had a Broadcast Address (FFFF FFFF FFFFh) as the Desti-
nation Address, then this bit is set if, and only if, RxOK is set and BroadcastA (RxCTL register
bit B) is set.
C
CRCerror: If set, the received frame had a bad CRC. If CRCerroriE (Register 3, RxCFG, Bit C)
is set, there is an interrupt.
D
Runt: If set, the received frame was shorter than 64 bytes. If RuntiE (Register 3, RxCFG, Bit D)
is set, there is an interrupt.
E
Extradata: If set, the received frame was longer than 1518 bytes. All bytes beyond 1518 are
discarded. If ExtradataiE (Register 3, RxCFG, Bit E) is set, there is an interrupt.
Table 68. Receiver Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com