Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 123 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 123 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 119Page - Cirrus Logic WM8281ECS/R Datasheet HTML 120Page - Cirrus Logic WM8281ECS/R Datasheet HTML 121Page - Cirrus Logic WM8281ECS/R Datasheet HTML 122Page - Cirrus Logic WM8281ECS/R Datasheet HTML 123Page - Cirrus Logic WM8281ECS/R Datasheet HTML 124Page - Cirrus Logic WM8281ECS/R Datasheet HTML 125Page - Cirrus Logic WM8281ECS/R Datasheet HTML 126Page - Cirrus Logic WM8281ECS/R Datasheet HTML 127Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 392 page
background image
WM8281
Rev 4.0
123
DESCRIPTION
REGISTER ADDRESS
DSP MEMORY SIZE
DSP1
Program memory
10_0000h to 10_5FFFh
(24576 registers)
8k x 40-bit words
Coefficient memory
18_0000h to 18_1FFFh
(8192 registers)
4k x 24-bit words
X Data memory
19_0000h to 19_7FFFh
(32768 registers)
16k x 24-bit words
Y Data memory
1A_8000h to 1A_9FFFh
(8192 registers)
4k x 24-bit words
DSP2
Program memory
20_0000h to 20_EFFFh
(61440 registers)
20k x 40-bit words
Coefficient memory
28_0000h to 28_1FFFh
(8192 registers)
4k x 24-bit words
X Data memory
29_0000h to 29_BFFFh
(49152 registers)
24k x 24-bit words
X Data memory
(Shared DSP2/DSP3)
2A_6000h to 2A_7FFFh
(8192 registers)
4k x 24-bit words
Y Data memory
2A_8000h to 2B_3FFFh
(49152 registers)
24k x 24-bit words
DSP3
Program memory
30_0000h to 30_EFFFh
(61440 registers)
20k x 40-bit words
Coefficient memory
38_0000h to 38_1FFFh
(8192 registers)
4k x 24-bit words
X Data memory
39_0000h to 3A_1FFFh
(73728 registers)
36k x 24-bit words
X Data memory
(Shared DSP2/DSP3)
3A_6000h to 3A_7FFFh
(8192 registers)
4k x 24-bit words
Y Data memory
3A_8000h to 3B_3FFFh
(49152 registers)
24k x 24-bit words
DSP4
Program memory
40_0000h to 40_5FFFh
(24576 registers)
8k x 40-bit words
Coefficient memory
48_0000h to 48_1FFFh
(8192 registers)
4k x 24-bit words
X Data memory
49_0000h to 49_7FFFh
(32768 registers)
16k x 24-bit words
Y Data memory
4A_8000h to 4A_9FFFh
(8192 registers)
4k x 24-bit words
Table 26 DSP Program, Coefficient and Data Registers
Clocking is required for any functionality of the DSP processing blocks, including any register
read/write operations associated with DSP firmware loading.
The clock source for each DSP is derived from SYSCLK, which must also be enabled. See “Clocking
and Sample Rates
” for details of how to configure SYSCLK.
The DSP clock frequency is selected using the DSPn_CLK_SEL register. Note that the DSP clock
frequency must be less than or equal to the SYSCLK frequency. The frequencies must be integer-
related (eg. divide by 1, 2, 3 etc.).
The clock source for each DSP block is enabled using DSPn_SYS_ENA
(where ‘n’ identifies the
applicable DSP processing block 1, 2, 3 or 4). The clock must be enabled before (or simultaneous to)
enabling the respective DSP Core or DMA channels. The clock must be disabled after (or
simultaneous to) disabling the DSP Core and DMA channels.
The DSPn_CLK_SEL_STS fields provide readback of the clock frequency for the respective DSP
cores. These can be used to confirm the clock frequency, in cases where code execution has a
minimum clock frequency requirement. The DSPn_CLK_SEL_STS field is only valid when the
respective DSP Clock is enabled; typical typical usage of this field would be for the DSP core itself to
readback the clock status, and to take action as applicable (in particular, if the available clock does
not meet the application requirements).
The DSPn_RAM_RDY status bits indicate when the respective DSP firmware memory registers are
ready for read/write access. The respective DSP memories should not be accessed until this bit has
been set.
The DSP RAM Ready flags are inputs to the Interrupt control circuit and can be used to trigger an
interrupt event -
see “Interrupts”.
The DSP RAM Ready flags can be output directly on a GPIO pin as an external indication of the DSP
RAM Status. S
ee “General Purpose Input / Output” to configure a GPIO pin for this function.
Under default register conditions, the DSP firmware memory contents are retained if the respective
clock is disabled, and also during Hardware Reset and Software Reset; this is selectable using the
DSPn_MEM_ENA register bits, as described below.
When DSPn_MEM_ENA = 1 (default), the DSP firmware memory is retained when the DSP clock is
disabled (ie. when DSPn_SYS_ENA = 0). It is also retained during Hardware Reset and Software
Reset, provided DCVDD is held above its reset threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com