Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 125 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 125 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 121Page - Cirrus Logic WM8281ECS/R Datasheet HTML 122Page - Cirrus Logic WM8281ECS/R Datasheet HTML 123Page - Cirrus Logic WM8281ECS/R Datasheet HTML 124Page - Cirrus Logic WM8281ECS/R Datasheet HTML 125Page - Cirrus Logic WM8281ECS/R Datasheet HTML 126Page - Cirrus Logic WM8281ECS/R Datasheet HTML 127Page - Cirrus Logic WM8281ECS/R Datasheet HTML 128Page - Cirrus Logic WM8281ECS/R Datasheet HTML 129Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 392 page
background image
WM8281
Rev 4.0
125
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R4358
(1106h)
DSP1
Status 3
3:1
DSP1_CLK_SEL
_STS [2:0
000
DSP1 Clock Frequency
(Read only, Only valid when the
respective DSP Clock is enabled)
000 = 6.144MHz (5.6448MHz)
001 = 12.288MHz (11.2896MHz)
010 = 24.576MHz (22.5792MHz)
011 = 49.152MHz (45.1584MHz)
100 = 73.728MHz (67.7376MHz)
101 = 98.304MHz (90.3168MHz)
110 = 147.456MHz (135.4752MHz)
111 = Reserved
The frequencies in brackets apply for
44.1kHz-related sample rates only (ie.
SAMPLE_RATE_n = 01XXX).
0
DSP1_CLK_AVAI
L
0
DSP1 Clock Availability
(Read only)
0 = No Clock
1 = Clock Available
Note
– this bit exists for legacy software
support only; it is not recommended for
future designs, as the readback may be
unreliable on the latest device
architectures.
R4608
(1200h)
DSP2
Control 1
4
DSP2_MEM_EN
A
1
DSP2 Memory Control
0 = DSP2 memory is cleared when
DSP2_SYS_ENA=0, and during Hardware
Reset or Software Reset.
1 = DSP2 memory is retained when
DSP2_SYS_ENA=0. DSP2 memory is
retained during Hardware Reset and
Software Reset.
2
DSP2_SYS_ENA
0
DSP2 Clock Enable
0 = Disabled
1 = Enabled
The DSP2 Clock must be enabled for
DSP2 firmware register access, code
execution, or DMA operation.
The DSP2 Core must be reset (by writing
DSP2_CORE_ENA=0) when disabling the
DSP2 Clock.
R4609
(1201h)
DSP2
Clocking 1
2:0
DSP2_CLK_SEL
[2:0]
000
DSP2 Clock Frequency Select
000 = 6.144MHz (5.6448MHz)
001 = 12.288MHz (11.2896MHz)
010 = 24.576MHz (22.5792MHz)
011 = 49.152MHz (45.1584MHz)
100 = 73.728MHz (67.7376MHz)
101 = 98.304MHz (90.3168MHz)
110 = 147.456MHz (135.4752MHz)
111 = Reserved
The DSP2 Clock must be less than or
equal to the SYSCLK frequency. The
frequencies must also be integer-related
(eg. divide by 1, 2, 3 etc.).
The frequencies in brackets apply for
44.1kHz-related sample rates only (ie.
SAMPLE_RATE_n = 01XXX).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com