Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 129 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 129 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 125Page - Cirrus Logic WM8281ECS/R Datasheet HTML 126Page - Cirrus Logic WM8281ECS/R Datasheet HTML 127Page - Cirrus Logic WM8281ECS/R Datasheet HTML 128Page - Cirrus Logic WM8281ECS/R Datasheet HTML 129Page - Cirrus Logic WM8281ECS/R Datasheet HTML 130Page - Cirrus Logic WM8281ECS/R Datasheet HTML 131Page - Cirrus Logic WM8281ECS/R Datasheet HTML 132Page - Cirrus Logic WM8281ECS/R Datasheet HTML 133Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 392 page
background image
WM8281
Rev 4.0
129
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
DSP4_CLK_AVAI
L
0
DSP4 Clock Availability
(Read only)
0 = No Clock
1 = Clock Available
Note
– this bit exists for legacy software
support only; it is not recommended for
future designs, as the readback may be
unreliable on the latest device
architectures.
Table 27 DSP Clocking Control
DSP FIRMWARE EXECUTION
After the DSP firmware has been loaded, and the clocks configured, the DSP blocks are enabled
using the DSPn_CORE_ENA register bits. When the DSP is configured and enabled, the firmware
execution can be started by writing ‘1’ to the respective DSPn_START bit.
Alternative methods to trigger the firmware execution can also be configured using the
DSPn_START_IN_SEL register fields. Note that this provides the capability to synchronously trigger
multiple DSP blocks.
Using the DSPn_START_IN_SEL registers, the DSP firmware execution can be linked to the
respective DMA function, the IRQ2 status, or to configurable ‘DSPn Start’ signals from another DSP.
The ‘DSPn Start’ signals are generated within the DSP cores, enabling any of the DSP blocks to
trigger code execution in another DSP.
The DSPn_CORE_ENA bit must be set to ‘1’ to enable firmware execution on the respective DSP
block. Note that the usage of the DSPn_START bit may vary depending on the particular software
that is being executed: in some applications (eg. when an alternative trigger is selected using
DSPn_START_IN_SEL), writing to the DSPn_START bit will not be required.
For read/write access to the DSP firmware memory registers, the respective firmware execution must
be disabled by setting the DSPn_CORE_ENA bit to ‘0’.
The audio signal paths connecting to/from the DSP processing blocks are configured as described in
the “Digital Core” section. Note that the DSP firmware must be loaded and enabled before audio
signal paths can be enabled.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R4352
(1100h)
DSP1
Control 1
1
DSP1_CORE_EN
A
0
DSP1 Enable
Controls the DSP1 firmware execution
0 = Disabled
1 = Enabled
0
DSP1_START
DSP1 Start
Write ‘1’ to Start DSP1 firmware execution
R4408
(1138h)
3:0
DSP1_START_IN
_SEL [3:0]
0h
DSP1 Firmware Execution control
Selects the trigger for DSP1 firmware
execution.
0 = DMA
3 = DSP2 Start 1
4 = DSP2 Start 2
5 = DSP3 Start 1
6 = DSP3 Start 2
7 = DSP4 Start 1
8 = DSP4 Start 2
11 = IRQ2
All other codes are Reserved.
Note that the DSP1_START bit will also
start the DSP1 firmware execution,
regardless of this register setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com