Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 130 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 130 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 126Page - Cirrus Logic WM8281ECS/R Datasheet HTML 127Page - Cirrus Logic WM8281ECS/R Datasheet HTML 128Page - Cirrus Logic WM8281ECS/R Datasheet HTML 129Page - Cirrus Logic WM8281ECS/R Datasheet HTML 130Page - Cirrus Logic WM8281ECS/R Datasheet HTML 131Page - Cirrus Logic WM8281ECS/R Datasheet HTML 132Page - Cirrus Logic WM8281ECS/R Datasheet HTML 133Page - Cirrus Logic WM8281ECS/R Datasheet HTML 134Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 392 page
background image
WM8281
130
Rev 4.0
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R4608
(1200h)
DSP2
Control 1
1
DSP2_CORE_EN
A
0
DSP2 Enable
Controls the DSP2 firmware execution
0 = Disabled
1 = Enabled
0
DSP2_START
DSP2 Start
Write ‘1’ to Start DSP2 firmware execution
R4664
(1238h)
3:0
DSP2_START_IN
_SEL [3:0]
0h
DSP2 Firmware Execution control
Selects the trigger for DSP2 firmware
execution.
0 = DMA
1 = DSP1 Start 1
2 = DSP1 Start 2
5 = DSP3 Start 1
6 = DSP3 Start 2
7 = DSP4 Start 1
8 = DSP4 Start 2
11 = IRQ2
All other codes are Reserved.
Note that the DSP2_START bit will also
start the DSP2 firmware execution,
regardless of this register setting.
R4864
(1300h)
DSP3
Control 1
1
DSP3_CORE_EN
A
0
DSP3 Enable
Controls the DSP3 firmware execution
0 = Disabled
1 = Enabled
0
DSP3_START
DSP3 Start
Write ‘1’ to Start DSP3 firmware execution
R4920
(1338h)
3:0
DSP3_START_IN
_SEL [3:0]
0h
DSP3 Firmware Execution control
Selects the trigger for DSP3 firmware
execution.
0 = DMA
1 = DSP1 Start 1
2 = DSP1 Start 2
3 = DSP2 Start 1
4 = DSP2 Start 2
7 = DSP4 Start 1
8 = DSP4 Start 2
11 = IRQ2
All other codes are Reserved.
Note that the DSP3_START bit will also
start the DSP3 firmware execution,
regardless of this register setting.
R5120
(1400h)
DSP4
Control 1
1
DSP4_CORE_EN
A
0
DSP4 Enable
Controls the DSP4 firmware execution
0 = Disabled
1 = Enabled
0
DSP4_START
DSP4 Start
Write ‘1’ to Start DSP4 firmware execution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com