Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 134 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 134 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 130Page - Cirrus Logic WM8281ECS/R Datasheet HTML 131Page - Cirrus Logic WM8281ECS/R Datasheet HTML 132Page - Cirrus Logic WM8281ECS/R Datasheet HTML 133Page - Cirrus Logic WM8281ECS/R Datasheet HTML 134Page - Cirrus Logic WM8281ECS/R Datasheet HTML 135Page - Cirrus Logic WM8281ECS/R Datasheet HTML 136Page - Cirrus Logic WM8281ECS/R Datasheet HTML 137Page - Cirrus Logic WM8281ECS/R Datasheet HTML 138Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 392 page
background image
WM8281
134
Rev 4.0
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R4640
(1220h)
to
R4645
(1225h)
15:0
DSP2_START_A
DDRESS_RDMA
_BUFFER_n
[15:0]
0000h
DSP2 RDMA Channel n Start Address
Bit [15] = Memory select
0 = X Data memory
1 = Y Data memory
Bits [14:0] = Address select
The address is defined relative to the base
address of the applicable data memory.
The LSB represents one 24-bit DSP
memory word.
Note that the start address is also
controlled by the respective
DSP2_RDMA_CHANNEL_OFFSET bit.
R4656
(1230h)
DSP2
WDMA
Config 1
13:0
DSP2_WDMA_B
UFFER_LENGTH
[13:0]
0000h
DSP2 DMA Buffer Length
Selects the amount of data transferred in
each WDMA channel. The LSB represents
one 24-bit DSP memory word.
R4657
(1231h)
DSP2
WDMA
Config 2
7:0
DSP2_WDMA_C
HANNEL_ENABL
E [7:0]
00h
DSP2 WDMA Channel Enable
There are 8 WDMA channels; each bit of
this field enables the respective WDMA
channel.
Each bit is coded as:
0 = Disabled
1 = Enabled
R4658
(1232h)
DSP2
WDMA
Offset 1
7:0
DSP2_WDMA_C
HANNEL_OFFSE
T [7:0]
00h
DSP2 WDMA Channel Offset
There are 8 WDMA channels; each bit of
this field offsets the Start Address of the
respective WDMA channel.
Each bit is coded as:
0 = No offset
1 = Offset by 8000h
R4660
(1234h)
DSP2
RDMA
Config 1
5:0
DSP2_RDMA_C
HANNEL_ENABL
E [5:0]
00h
DSP2 RDMA Channel Enable
There are 6 RDMA channels; each bit of
this field enables the respective RDMA
channel.
Each bit is coded as:
0 = Disabled
1 = Enabled
R4661
(1235h)
DSP2
RDMA
Offset 1
5:0
DSP2_RDMA_C
HANNEL_OFFSE
T [5:0]
00h
DSP2 RDMA Channel Offset
There are 6 RDMA channels; each bit of
this field offsets the Start Address of the
respective RDMA channel.
Each bit is coded as:
0 = No offset
1 = Offset by 8000h
R4869
(1305h)
DSP3
Status 2
15
DSP3_PING_FU
LL
0
DSP3 WDMA Ping Buffer Status
0 = Not Full
1 = Full
14
DSP3_PONG_FU
LL
0
DSP3 WDMA Pong Buffer Status
0 = Not Full
1 = Full



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com