Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 137 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 137 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 133Page - Cirrus Logic WM8281ECS/R Datasheet HTML 134Page - Cirrus Logic WM8281ECS/R Datasheet HTML 135Page - Cirrus Logic WM8281ECS/R Datasheet HTML 136Page - Cirrus Logic WM8281ECS/R Datasheet HTML 137Page - Cirrus Logic WM8281ECS/R Datasheet HTML 138Page - Cirrus Logic WM8281ECS/R Datasheet HTML 139Page - Cirrus Logic WM8281ECS/R Datasheet HTML 140Page - Cirrus Logic WM8281ECS/R Datasheet HTML 141Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 392 page
background image
WM8281
Rev 4.0
137
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R5168
(1430h)
DSP4
WDMA
Config 1
13:0
DSP4_WDMA_B
UFFER_LENGTH
[13:0]
0000h
DSP4 DMA Buffer Length
Selects the amount of data transferred in
each WDMA channel. The LSB represents
one 24-bit DSP memory word.
R5169
(1431h)
DSP4
WDMA
Config 2
7:0
DSP4_WDMA_C
HANNEL_ENABL
E [7:0]
00h
DSP4 WDMA Channel Enable
There are 8 WDMA channels; each bit of
this field enables the respective WDMA
channel.
Each bit is coded as:
0 = Disabled
1 = Enabled
R5170
(1432h)
DSP4
WDMA
Offset 1
7:0
DSP4_WDMA_C
HANNEL_OFFSE
T [7:0]
00h
DSP4 WDMA Channel Offset
There are 8 WDMA channels; each bit of
this field offsets the Start Address of the
respective WDMA channel.
Each bit is coded as:
0 = No offset
1 = Offset by 8000h
R5172
(1434h)
DSP4
RDMA
Config 1
5:0
DSP4_RDMA_C
HANNEL_ENABL
E [5:0]
00h
DSP4 RDMA Channel Enable
There are 6 RDMA channels; each bit of
this field enables the respective RDMA
channel.
Each bit is coded as:
0 = Disabled
1 = Enabled
R5173
(1435h)
DSP4
RDMA
Offset 1
5:0
DSP4_RDMA_C
HANNEL_OFFSE
T [5:0]
00h
DSP4 RDMA Channel Offset
There are 6 RDMA channels; each bit of
this field offsets the Start Address of the
respective RDMA channel.
Each bit is coded as:
0 = No offset
1 = Offset by 8000h
Table 29 DSP Direct Memory Access (DMA) Control
DSP DEBUG SUPPORT
General purpose ‘scratch’ registers are provided for each DSP. These have no assigned function, and
can be used to assist in algorithm development.
The JTAG interface provides test and debug access to the WM8281
, as described in the “JTAG
Interface
” section. The JTAG interface clock can be enabled independently for each DSP core, using
the DSPn_DBG_CLK_ENA register bits.
When using the JTAG interface to access any DSP core, the respective DSPn_DBG_CLK_ENA,
DSPn_SYS_ENA, and DSPn_CORE_ENA bits must all be set.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R4352
(1100h)
DSP1
Control 1
3
DSP1_DBG_CLK
_ENA
0
DSP1 Debug Clock Enable
0 = Disabled
1 = Enabled
R4416
(1140h)
DSP1
Scratch 0
15:0
DSP1_SCRATCH
_0 [15:0]
0000h
DSP1 Scratch Register 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com