Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 141 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 141 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 137Page - Cirrus Logic WM8281ECS/R Datasheet HTML 138Page - Cirrus Logic WM8281ECS/R Datasheet HTML 139Page - Cirrus Logic WM8281ECS/R Datasheet HTML 140Page - Cirrus Logic WM8281ECS/R Datasheet HTML 141Page - Cirrus Logic WM8281ECS/R Datasheet HTML 142Page - Cirrus Logic WM8281ECS/R Datasheet HTML 143Page - Cirrus Logic WM8281ECS/R Datasheet HTML 144Page - Cirrus Logic WM8281ECS/R Datasheet HTML 145Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 392 page
background image
WM8281
Rev 4.0
141
DIGITAL AUDIO INTERFACE
The WM8281 provides three audio interfaces, AIF1, AFI2 and AIF3. Each of these is independently
configurable on the respective transmit (TX) and receive (RX) paths. AIF1 supports up to 8 channels
of input and output signal paths; AIF2 supports up to 6 channels of input and output signal paths; AIF3
supports up to 2 channels of input and output signal paths.
The data source(s) for the audio interface transmit (TX) paths can be selected from any of the
WM8281 input signal paths, or from the digital core processing functions. The audio interface receive
(RX) paths can be selected as inputs to any of the digital core processing functions or digital core
outputs. See “Digital Core” for details of the digital core routing options.
The digital audio interfaces provide flexible connectivity for multiple processors and other audio
devices. Typical connections include Applications Processor, Baseband Processor and Wireless
Transceiver. Note that the SLIMbus interface also provides digital audio input/output paths, providing
options for additional interfaces. A typical configuration is illustrated in Figure 42.
The audio interfaces AIF1, AIF2 and AIF3 are referenced to DBVDD1, DBVDD2 and DBVDD3
respectively, allowing the WM8281 to connect between application sub-systems on different voltage
domains.
Audio Interface 1
Audio Interface 2
Audio Interface 3
HDMI
Device
Baseband
Processor
Wireless
Transceiver
WM8281
SLIMbus interface
Applications
Processor
Figure 42 Typical AIF Connections
In the general case, the digital audio interface uses four pins:
TXDAT: Data output
RXDAT: Data input
BCLK: Bit clock, for synchronisation
LRCLK: Left/Right data alignment clock
In master interface mode, the clock signals BCLK and LRCLK are outputs from the WM8281. In slave
mode, these signals are inputs, as illustrated below.
As an option, a GPIO pin can be configured as TXLRCLK, ie. the Left/Right clock for the TXDAT
output. In this case, the LRCLK pin is dedicated to the RXDAT input, allowing the two sides to be
clocked independently.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com