Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 144 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 144 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 140Page - Cirrus Logic WM8281ECS/R Datasheet HTML 141Page - Cirrus Logic WM8281ECS/R Datasheet HTML 142Page - Cirrus Logic WM8281ECS/R Datasheet HTML 143Page - Cirrus Logic WM8281ECS/R Datasheet HTML 144Page - Cirrus Logic WM8281ECS/R Datasheet HTML 145Page - Cirrus Logic WM8281ECS/R Datasheet HTML 146Page - Cirrus Logic WM8281ECS/R Datasheet HTML 147Page - Cirrus Logic WM8281ECS/R Datasheet HTML 148Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 392 page
background image
WM8281
144
Rev 4.0
n
n-1
n-2
3
2
1
n
n-1
n-2
3
2
1
LEFT CHANNEL
RIGHT CHANNEL
MSB
LSB
Input Word Length (WL)
1/fs
LRCLK
BCLK
RXDAT/
TXDAT
Figure 48 Left Justified Data Format (assuming n-bit word length)
AIF TIMESLOT CONFIGURATION
Digital audio interfaces AIF1 and AIF2 support multi-channel operation; AIF1 supports up to 8
channels of input and output signal paths; AIF2 supports up to 6 channels of input and output signal
paths. A high degree of flexibility is provided to define the position of the audio samples within each
LRCLK frame; the audio channel samples may be arranged in any order within the frame.
AIF3 also provides flexible configuration options, but supports only 1 stereo input and 1 stereo output
path.
Note that, on each interface, all input and output channels must operate at the same sample rate (fs).
Each of the audio channels can be enabled or disabled independently on the transmit (TX) and
receive (RX) signal paths. For each enabled channel, the audio samples are assigned to one timeslot
within the LRCLK frame.
In DSP modes, the timeslots are ordered consecutively from the start of the LRCLK frame. In I2S and
Left-Justified modes, the even-numbered timeslots are arranged in the first half of the LRCLK frame,
and the odd-numbered timeslots are arranged in the second half of the frame.
The timeslots are assigned independently for the transmit (TX) and receive (RX) signal paths. There
is no requirement to assign every available timeslot to an audio sample; some slots may be unused, if
desired. Care is required, however, to ensure that no timeslot is allocated to more than one audio
channel.
The number of BCLK cycles within a slot is configurable; this is the Slot Length. The number of valid
data bits within a slot is also configurable; this is the Word Length. The number of BCLK cycles per
LRCLK frame must be configured; it must be ensured that there are enough BCLK cycles within each
LRCLK frame to transmit or receive all of the enabled audio channels.
Examples of the AIF Timeslot Configurations are illustrated in Figure 49 to Figure 52. One example is
shown for each of the four possible data formats.
Figure 49 shows an example of DSP Mode A format. Four enabled audio channels are shown,
allocated to timeslots 0 through to 3.
LRCLK
Slot 0
Slot 1
Slot 2
Slot 3
Slot 4
Slot 5
Slot 6
Slot 7
...
Slot 0
Slot 3
AIF1[TX1/RX1]_SLOT = 0
Channel 1
Channel 2
Channel 3
Channel 4
BCLK
TXDAT/
RXDAT
Slot 1
Slot 2
AIF1[TX2/RX2]_SLOT = 1
AIF1[TX3/RX3]_SLOT = 2
AIF1[TX4/RX4]_SLOT = 3
Figure 49 DSP Mode A Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com