Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 142 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 142 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 138Page - Cirrus Logic WM8281ECS/R Datasheet HTML 139Page - Cirrus Logic WM8281ECS/R Datasheet HTML 140Page - Cirrus Logic WM8281ECS/R Datasheet HTML 141Page - Cirrus Logic WM8281ECS/R Datasheet HTML 142Page - Cirrus Logic WM8281ECS/R Datasheet HTML 143Page - Cirrus Logic WM8281ECS/R Datasheet HTML 144Page - Cirrus Logic WM8281ECS/R Datasheet HTML 145Page - Cirrus Logic WM8281ECS/R Datasheet HTML 146Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 392 page
background image
WM8281
142
Rev 4.0
Four different audio data formats are supported by the digital audio interface:
DSP mode A
DSP mode B
I2S
Left Justified
The Left Justified and DSP-B modes are valid in Master mode only (ie. BCLK and LRCLK are outputs
from the WM8281). These modes cannot be supported in Slave mode.
All four of these modes are MSB first.
Data words are encoded in 2’s complement format. Each of the
audio interface modes is
described in the following sections. Refer to the “Signal Timing
Requirements
” section for timing information.
Two variants of DSP mode are supported -
‘Mode A’ and ‘Mode B’. Mono PCM operation can be
supported using the DSP modes.
MASTER AND SLAVE MODE OPERATION
The WM8281 digital audio interfaces can operate as a master or slave as shown in Figure 43 and
Figure 44.
The associated control bits are described in “Digital Audio Interface Control”.
WM8281
TXDAT
LRCLK
RXDAT
BCLK
Processor
WM8281
Processor
TXDAT
LRCLK
RXDAT
BCLK
Figure 43 Master Mode
Figure 44 Slave Mode
AUDIO DATA FORMATS
The WM8281 digital audio interfaces can be configured to operate in I2S, Left-Justified, DSP-A or
DSP-B interface modes. Note that Left-Justified and DSP-B modes are valid in Master mode only (ie.
BCLK and LRCLK are outputs from the WM8281).
The digital audio interfaces
also provide flexibility to support multiple ‘slots’ of audio data within each
LRCLK frame. This flexibility allows multiple audio channels to be supported within a single LRCLK
frame.
The data formats described in this section are generic descriptions, assuming only one stereo pair of
audio samples per LRCLK frame. In these cases, the AIF is configured to transmit (or receive) in the
first available position in each frame (ie. the Slot 0 position).
The options for multi-
channel operation are described in the following section (“AIF Timeslot
Configuration
”).
The audio data modes supported by the WM8281 are described below. Note that the polarity of the
BCLK and LRCLK signals can be inverted if required; the following descriptions all assume the
default, non-inverted polarity of these signals.
In DSP mode, the left channel MSB is available on either the 1st (mode B) or 2nd (mode A) rising edge
of BCLK following a rising edge of LRCLK. Right channel data immediately follows left channel data.
Depending on word length, BCLK frequency and sample rate, there may be unused BCLK cycles
between the LSB of the right channel data and the next sample.
In master mode, the LRCLK output will resemble the frame pulse shown in Figure 45 and Figure 46.
In slave mode, it is possible to use any length of frame pulse less than 1/fs, providing the falling edge
of the frame pulse occurs at least one BCLK period before the rising edge of the next frame pulse.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com