Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 138 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 138 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 134Page - Cirrus Logic WM8281ECS/R Datasheet HTML 135Page - Cirrus Logic WM8281ECS/R Datasheet HTML 136Page - Cirrus Logic WM8281ECS/R Datasheet HTML 137Page - Cirrus Logic WM8281ECS/R Datasheet HTML 138Page - Cirrus Logic WM8281ECS/R Datasheet HTML 139Page - Cirrus Logic WM8281ECS/R Datasheet HTML 140Page - Cirrus Logic WM8281ECS/R Datasheet HTML 141Page - Cirrus Logic WM8281ECS/R Datasheet HTML 142Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 392 page
background image
WM8281
138
Rev 4.0
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R4417
(1141h)
DSP1
Scratch 1
15:0
DSP1_SCRATCH
_1 [15:0]
0000h
DSP1 Scratch Register 1
R4418
(1142h)
DSP1
Scratch 2
15:0
DSP1_SCRATCH
_2 [15:0]
0000h
DSP1 Scratch Register 2
R4419
(1143h)
DSP1
Scratch 3
15:0
DSP1_SCRATCH
_3 [15:0]
0000h
DSP1 Scratch Register 3
R4608
(1200h)
DSP2
Control 1
3
DSP2_DBG_CLK
_ENA
0
DSP2 Debug Clock Enable
0 = Disabled
1 = Enabled
R4672
(1240h)
DSP2
Scratch 0
15:0
DSP2_SCRATCH
_0 [15:0]
0000h
DSP2 Scratch Register 0
R4673
(1241h)
DSP2
Scratch 1
15:0
DSP2_SCRATCH
_1 [15:0]
0000h
DSP2 Scratch Register 1
R4674
(1242h)
DSP2
Scratch 2
15:0
DSP2_SCRATCH
_2 [15:0]
0000h
DSP2 Scratch Register 2
R4675
(1243h)
DSP2
Scratch 3
15:0
DSP2_SCRATCH
_3 [15:0]
0000h
DSP2 Scratch Register 3
R4864
(1300h)
DSP3
Control 1
3
DSP3_DBG_CLK
_ENA
0
DSP3 Debug Clock Enable
0 = Disabled
1 = Enabled
R4928
(1340h)
DSP3
Scratch 0
15:0
DSP3_SCRATCH
_0 [15:0]
0000h
DSP3 Scratch Register 0
R4929
(1341h)
DSP3
Scratch 1
15:0
DSP3_SCRATCH
_1 [15:0]
0000h
DSP3 Scratch Register 1
R4930
(1342h)
DSP3
Scratch 2
15:0
DSP3_SCRATCH
_2 [15:0]
0000h
DSP3 Scratch Register 2
R4931
(1343h)
DSP3
Scratch 3
15:0
DSP3_SCRATCH
_3 [15:0]
0000h
DSP3 Scratch Register 3
R5120
(1400h)
DSP4
Control 1
3
DSP4_DBG_CLK
_ENA
0
DSP4 Debug Clock Enable
0 = Disabled
1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com